Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS596 Datasheet (PDF) - Texas Instruments

SN74HCS596 Datasheet PDF - Texas Instruments
Part # SN74HCS596
Download  SN74HCS596 Download
File Size   624.39 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers

SN74HCS596 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74HCS596 Datasheet PDF - Texas Instruments

Part # SN74HCS596
Download  SN74HCS596 Click to download

File Size   624.39 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers

SN74HCS596 Datasheet (HTML) - Texas Instruments


SN74HCS596 Product details

1 Features
1• AEC-Q100 Qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C,
TA
– Device HBM ESD Classification Level 2
– Device CDM ESD Classifcation Level C6
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V

2 Applications
• Output expansion
• LED matrix control
• 7-segment display control
• 8-bit data storage

3 Description
The SN74HCS596-Q1 device contains an 8-bit,
serial-in, parallel-out shift register that feeds an 8-bit
D-type storage register. All inputs include Schmitttriggers,
eliminating any erroneous data outputs due
to slow-edged or noisy input signals. The storage
register has parallel open-drain outputs. Separate
clocks are provided for both the shift and storage
register. The shift register has a direct overriding
clear (SRCLR) input, serial (SER) input, and a serial
output (QH') for cascading. When the output-enable
(OE) input is high, the outputs are in a highimpedance
state. Internal register data is not
impacted by the operation of the OE input.




Similar Part No. - SN74HCS596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS596 TI-SN74HCS596 Datasheet
1Mb / 27P
SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
SN74HCS596 TI2-SN74HCS596 Datasheet
1,003Kb / 28P
SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
AUGUST 2020
SN74HCS596-Q1 TI1-SN74HCS596-Q1 Datasheet
1Mb / 26P
SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers
SN74HCS596-Q1 TI-SN74HCS596-Q1 Datasheet
1Mb / 27P
SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
SN74HCS596-Q1 TI2-SN74HCS596-Q1 Datasheet
1,003Kb / 28P
SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
AUGUST 2020
More results


Similar Description - SN74HCS596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS595-Q1 TI1-SN74HCS595-Q1 Datasheet
457Kb / 22P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS594-Q1 TI1-SN74HCS594-Q1 Datasheet
1Mb / 27P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS596-Q1 TI1-SN74HCS596-Q1 Datasheet
1Mb / 26P
SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers
SN74HCS596 TI-SN74HCS596 Datasheet
1Mb / 27P
SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
SN74HCS595-Q1 TI-SN74HCS595-Q1_V01 Datasheet
1Mb / 26P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS594-Q1 TI-SN74HCS594-Q1_V01 Datasheet
2Mb / 32P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594-Q1 TI-SN74HCS594-Q1_V02 Datasheet
2Mb / 35P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS595-Q1 TI-SN74HCS595-Q1_V02 Datasheet
2Mb / 34P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595-Q1 TI-SN74HCS595-Q1_V03 Datasheet
2Mb / 36P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
REVISED SEPTEMBER 2021
SN74HCS594-Q1 TI-SN74HCS594-Q1_V03 Datasheet
3Mb / 38P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com