Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS596 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HCS596
Description  SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS596 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS596 Datasheet HTML 1Page - Texas Instruments SN74HCS596 Datasheet HTML 2Page - Texas Instruments SN74HCS596 Datasheet HTML 3Page - Texas Instruments SN74HCS596 Datasheet HTML 4Page - Texas Instruments SN74HCS596 Datasheet HTML 5Page - Texas Instruments SN74HCS596 Datasheet HTML 6Page - Texas Instruments SN74HCS596 Datasheet HTML 7Page - Texas Instruments SN74HCS596 Datasheet HTML 8Page - Texas Instruments SN74HCS596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
SER
RCLK
SRCLK
V
CC
15
16
Q
B
Q
C
Q
D
Q
E
Q
F
Q
G
Q
H
Q
A
OE
SRCLR
Q
H¶
3
SN74HCS596-Q1
www.ti.com
SCLS805 – JUNE 2020
Product Folder Links: SN74HCS596-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
5 Pin Configuration and Functions
D and PW
16-Pin SOIC and TSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
QB
1
Output
QB output (open-drain)
QC
2
Output
QC output (open-drain)
QD
3
Output
QD output (open-drain)
QE
4
Output
QE output (open-drain)
QF
5
Output
QF output (open-drain)
QG
6
Output
QG output (open-drain)
QH
7
Output
QH output (open-drain)
GND
8
—
Ground
QH'
9
Output
Serial output, can be used for cascading (push-pull)
SRCLR
10
Input
Shift register clear, active low
SRCLK
11
Input
Shift register clock, rising edge triggered
RCLK
12
Input
Output register clock, rising edge triggered
OE
13
Input
Output Enable, active low
SER
14
Input
Serial input
QA
15
Output
QA output (open-drain)
VCC
16
—
Positive supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com