Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS596 Datasheet(PDF) 14 Page - Texas Instruments

Part # SN74HCS596
Description  SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS596 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN74HCS596 Datasheet HTML 10Page - Texas Instruments SN74HCS596 Datasheet HTML 11Page - Texas Instruments SN74HCS596 Datasheet HTML 12Page - Texas Instruments SN74HCS596 Datasheet HTML 13Page - Texas Instruments SN74HCS596 Datasheet HTML 14Page - Texas Instruments SN74HCS596 Datasheet HTML 15Page - Texas Instruments SN74HCS596 Datasheet HTML 16Page - Texas Instruments SN74HCS596 Datasheet HTML 17Page - Texas Instruments SN74HCS596 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
QH¶
Seven Segment
SRCLR
QA
QB
QC
QD
QE
QF
QG
QH
g
f
a
b
DP
c
d
e
a
b
c
d
e
f
g
DP
GND
VCC
SER
SRCLK
RCLK
OE
QH¶
SRCLR
QA
QB
QC
QD
QE
QF
QG
QH
GND
VCC
SER
SRCLK
RCLK
OE
Seven Segment
g
f
a
b
DP
c
d
e
a
b
c
d
e
f
g
DP
MCU
R2
C2
R1
C1
VCC
VCC
14
SN74HCS596-Q1
SCLS805 – JUNE 2020
www.ti.com
Product Folder Links: SN74HCS596-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9.2 Typical Application
Figure 12. Output Expansion for 7-segment Display control
9.2.1 Design Requirements
•
The 7-segment displays should be common anode
•
The RC values for the SRCLR pin should be chosen such that the signal doesn't reach Vt+(min) until the
supply settles
•
The resistors at the outputs should be chosen such that the total current through the VCC or GND pin doesn't
exceed the maximum value in Absolute Maximum Ratings
•
Follow timing requirements given in Timing Characteristics
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The ground must be capable of sinking current equal to the total current to be sunk by all outputs of the
SN74HCS596-Q1 plus the maximum supply current, ICC, listed in Electrical Characteristics. The logic device can
only sink as much current as is provided by the external pull-up resistor or other supply source. Be sure not to
exceed the maximum total current through GND listed in the Absolute Maximum Ratings.
The SN74HCS596-Q1 can drive a load with a total capacitance less than or equal to 50 pF connected to a high-
impedance CMOS input while still meeting all of the datasheet specifications. Larger capacitive loads can be
applied, however it is not recommended to exceed 70 pF.
Total power consumption can be calculated using the information provided in CMOS Power Consumption and
Cpd Calculation.
Thermal increase can be calculated using the information provided in Thermal Characteristics of Standard Linear
and Logic (SLL) Packages and Devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com