Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS596 Datasheet(PDF) 18 Page - Texas Instruments

Part # SN74HCS596
Description  SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS596 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN74HCS596 Datasheet HTML 14Page - Texas Instruments SN74HCS596 Datasheet HTML 15Page - Texas Instruments SN74HCS596 Datasheet HTML 16Page - Texas Instruments SN74HCS596 Datasheet HTML 17Page - Texas Instruments SN74HCS596 Datasheet HTML 18Page - Texas Instruments SN74HCS596 Datasheet HTML 19Page - Texas Instruments SN74HCS596 Datasheet HTML 20Page - Texas Instruments SN74HCS596 Datasheet HTML 21Page - Texas Instruments SN74HCS596 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Q
B
Q
C
Q
E
Q
F
Q
G
GND
V
CC
Q
A
SER
RCLK
SRCLK
SRCLR
GND
V
CC
OE
Q
D
0.1 F
Bypass capacitor
placed close to
the device
Avoid 90°
corners for
signal lines
Recommend GND flood fill for
improved signal isolation, noise
reduction, and thermal dissipation
Unused output
left floating
Unused inputs tie to GND or VCC
Q
H
Q
H¶
8
9
18
SN74HCS596-Q1
SCLS805 – JUNE 2020
www.ti.com
Product Folder Links: SN74HCS596-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
In many cases, functions or parts of functions of digital logic devices are unused. Some examples are when only
two inputs of a triple-input AND gate are used, or when only 3 of the 4 channels are used. Such input pins should
not be left completely unconnected because the unknown voltages result in undefined operational states.
Specified in Figure 14 are rules that must be observed under all circumstances. All unused inputs of digital logic
devices must be connected to a high or low bias to prevent them from floating. The logic level that must be
applied to any particular unused input depends on the function of the device. Generally they are tied to GND or
VCC, whichever makes more sense or is more convenient. It is recommended to float outputs unless the part is a
transceiver. If the transceiver has an output enable pin, it disables the output section of the part when asserted.
This pin keeps the input section of the I/Os from being disabled and floated.
11.2 Layout Example
Figure 14. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com