Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS596 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74HCS596
Description  SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS596 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HCS596 Datasheet HTML 7Page - Texas Instruments SN74HCS596 Datasheet HTML 8Page - Texas Instruments SN74HCS596 Datasheet HTML 9Page - Texas Instruments SN74HCS596 Datasheet HTML 10Page - Texas Instruments SN74HCS596 Datasheet HTML 11Page - Texas Instruments SN74HCS596 Datasheet HTML 12Page - Texas Instruments SN74HCS596 Datasheet HTML 13Page - Texas Instruments SN74HCS596 Datasheet HTML 14Page - Texas Instruments SN74HCS596 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
GND
Logic
Input
Output
VCC
Device
-IIK
+IIK
+IOK
-IOK
11
SN74HCS596-Q1
www.ti.com
SCLS805 – JUNE 2020
Product Folder Links: SN74HCS596-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 CMOS Open-Drain Outputs
The open-drain output allows the device to sink current to GND but not to source current from VCC. When the
output is not actively pulling the line low, it will go into a high impedance state. This allows the device to be used
for a wide variety of applications, including up-translation and down-translation, as the output voltage can be
determined by an external pull-up resistor.
The current drive capability of this device creates fast edges into light loads, so routing and load conditions
should be considered to prevent ringing. Additionally, the outputs of this device are capable of driving larger
currents than the device can sustain without being damaged. It is important for the power output of the device to
be limited to avoid thermal runaway and damage due to over-current. The electrical and thermal limits defined
the in the Absolute Maximum Ratingsmust be followed at all times.
The SN74HCS596-Q1 can drive a load with a total capacitance less than or equal to the maximum load listed in
the Switching Characteristics connected to a high-impedance CMOS input while still meeting all of the datasheet
specifications. Larger capacitive loads can be applied, however it is not recommended to exceed the provided
load value. If larger capacitive loads are required, it is recommended to add a series resistor between the output
and the capacitor to limit output current to the values given in the Absolute Maximum Ratings.
8.3.3 CMOS Schmitt-Trigger Inputs
Standard CMOS inputs are high impedance and are typically modeled as a resistor in parallel with the input
capacitance given in the Electrical Characteristics. The worst case resistance is calculated with the maximum
input voltage, given in the Absolute Maximum Ratings, and the maximum input leakage current, given in the
Electrical Characteristics, using ohm's law (R = V ÷ I).
The Schmitt-trigger input architecture provides hysteresis as defined by ΔVT in the Electrical Characteristics,
which makes this device extremely tolerant to slow or noisy inputs. While the inputs can be driven much slower
than standard CMOS inputs, it is still recommended to properly terminate unused inputs. Driving the inputs slowly
will also increase dynamic current consumption of the device. For additional information regarding Schmitt-trigger
inputs, please see Understanding Schmitt Triggers.
8.3.4 Positive and Negative Clamping Diodes
The inputs and outputs to this device have both positive and negative clamping diodes as depicted in Figure 11.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can
cause damage to the device. The input negative-voltage and output voltage ratings
may be exceeded if the input and output clamp-current ratings are observed.
Figure 11. Electrical Placement of Clamping Diodes for Each Input and Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com