Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS375 Datasheet (PDF) - Texas Instruments

SN54LS375 Datasheet PDF - Texas Instruments
Part # SN54LS375
Download  SN54LS375 Download
File Size   395.7 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.BIT BISTABLE LATCHES

SN54LS375 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LS375 Datasheet PDF - Texas Instruments

Part # SN54LS375
Download  SN54LS375 Click to download

File Size   395.7 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.BIT BISTABLE LATCHES

SN54LS375 Datasheet (HTML) - Texas Instruments


SN54LS375 Product details

Supply Voltage and Ground on Corner
Pins To Simplify P-C Board Layout

description
The SN54LS376 and SN74LS376 bistable latches are
electrically and functionally identical to the
SN54LS75 and SN74LS75, respectively. Only the
arrangement of the terminals hes been changed in the
SN54L5375 and SN74L5375.
These latches are ideally suited for use as temporary
storage for binary information between processing
units and input/output or indicator units. Informa-
tion present at a data (D) input is transferred to the Q
output when the enable (C) is high and the Q output
will follow the data input as long as the enable
remains high. When the enable goes low, the informa-
tion Ithat was present at the data input at the time
the transition occurred} is retained at the Q output
until the enable goes high.
All inputs are diode-clamped to minimize transmission-
fine effects and simplify system design. The SN54LS375
is charactenzed for operation over the full military
temperature range of - 56°C to 125°C; SN74LS375 is
characterized for operation from 0°C to 70°C.




Similar Part No. - SN54LS375

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS375 MOTOROLA-SN54LS375 Datasheet
163Kb / 5P
4-BIT D LATCH
logo
Texas Instruments
SN54LS375 TI-SN54LS375 Datasheet
962Kb / 20P
4-BIT BISTABLE LATCHES
logo
Motorola, Inc
SN54LS375J MOTOROLA-SN54LS375J Datasheet
163Kb / 5P
4-BIT D LATCH
logo
Texas Instruments
SN54LS375J TI-SN54LS375J Datasheet
962Kb / 20P
4-BIT BISTABLE LATCHES
More results


Similar Description - SN54LS375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5475 TI-SN5475 Datasheet
229Kb / 6P
4-BIT BISTABLE LATCHES
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
Quad. Bistable Latches
HD74LS77 HITACHI-HD74LS77 Datasheet
59Kb / 6P
4-bit Bistable Latches
logo
Texas Instruments
SN74100 TI-SN74100 Datasheet
127Kb / 3P
8-BIT BISTABLE LATCHES
SN54100 TI-SN54100 Datasheet
84Kb / 2P
8-BIT BISTABLE LATCHES
logo
Renesas Technology Corp
HD74LS375 RENESAS-HD74LS375 Datasheet
68Kb / 6P
Quadruple Bistable Latches
HD74LS77 RENESAS-HD74LS77 Datasheet
70Kb / 5P
4-bit Bistable Latches
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
Quad. Bistable Latches
logo
Texas Instruments
SN54LS375 TI-SN54LS375 Datasheet
962Kb / 20P
4-BIT BISTABLE LATCHES
SN5475 TI1-SN5475_12 Datasheet
565Kb / 8P
4-BIT BISTABLE LATCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com