Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G29 Datasheet (PDF) - Texas Instruments

SN74LVC1G29 Datasheet PDF - Texas Instruments
Part # SN74LVC1G29
Download  SN74LVC1G29 Download
File Size   683.94 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G29 2-of-3 Decoder/Demultiplexer

SN74LVC1G29 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G29 Datasheet PDF - Texas Instruments

Part # SN74LVC1G29
Download  SN74LVC1G29 Click to download

File Size   683.94 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G29 2-of-3 Decoder/Demultiplexer

SN74LVC1G29 Datasheet (HTML) - Texas Instruments


SN74LVC1G29 Product details

1FEATURES
2• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Supports Down Translation to VCC
• Max tpd of 5.1 ns at 3.3 V
• Low Power Consumption, 10-μA Max I CC
• ±24-mA Output Drive at 3.3 V
• Typical V OLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
>2 V at V CC = 3.3 V, TA = 25°C
• Ioff Supports Live Insertion, Partial-Power-
Down Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION
This decoder is designed for 1.65-V to 5.5-V VCC
operation.
The SN74LVC1G29 device is a 2-of-3
decoder/demultiplexer. When the enable (G) input signal is low, only one of the outputs is in the low
state, depending on the input levels of A0 and A1.
When G is high, Y0, Y1, and Y2 are high, regardless
of the input states.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disable the
outputs, preventing damaging current backflow
through the device when it is powered down.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.




Similar Part No. - SN74LVC1G29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G29 TI-SN74LVC1G29 Datasheet
325Kb / 14P
2-OF-3 DECODER/DEMULTIPLEXER
SN74LVC1G29DCTR TI-SN74LVC1G29DCTR Datasheet
325Kb / 14P
2-OF-3 DECODER/DEMULTIPLEXER
SN74LVC1G29DCTRE4 TI-SN74LVC1G29DCTRE4 Datasheet
325Kb / 14P
2-OF-3 DECODER/DEMULTIPLEXER
SN74LVC1G29DCTT TI-SN74LVC1G29DCTT Datasheet
325Kb / 14P
2-OF-3 DECODER/DEMULTIPLEXER
SN74LVC1G29DCUR TI-SN74LVC1G29DCUR Datasheet
325Kb / 14P
2-OF-3 DECODER/DEMULTIPLEXER
More results


Similar Description - SN74LVC1G29

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
1-of-2 decoder/demultiplexer
2004 Oct 18
logo
Texas Instruments
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
1-OF-2 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Texas Instruments
SN74LVC1G29 TI-SN74LVC1G29 Datasheet
325Kb / 14P
2-OF-3 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19 Datasheet
161Kb / 5P
1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
1-of-2 decoder/demultiplexer
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com