Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVR Datasheet (PDF) - Littelfuse

LVR Datasheet PDF - Littelfuse
Part # LVR
Download  LVR Download
File Size   708.73 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices

LVR Datasheet (PDF)

Go To PDF Page Download Datasheet
LVR Datasheet PDF - Littelfuse

Part # LVR
Download  LVR Click to download

File Size   708.73 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices

LVR Datasheet (HTML) - Littelfuse


LVR Product details

Description
Littelfuse PolySwitch line-voltage-rated (LVR) devices help protect electric motors and transformers used in commercial and home appliances from damage caused by mechanical overloads, overheating, stall, lost neutral and other potentially harmful conditions.
The LVR line-voltage product line of polymeric positive temperature coefficient (PPTC) devices includes components that are rated for line voltages of 120VAC, VDC and 240VAC, VDC for up to 2A of operating current at 20°C. They help protect against damage caused by both overcurrent surges and overtemperature faults. They also offer low resistance and are compatibly sized with fuse solutions.

Applications
• Electromagnetic loads
• Game machines
• Industrial controls
• Lighting ballasts
• Loudspeakers
• Medical equipment
• Motors, fans and blowers
• POS equipment
• Satellite video receivers
• Security and fire alarm systems
• Test and measurement equipment
• Transformers
• USB hubs, ports and peripherals
• Intelligent appliance
• Robotic machine

Features
• RoHS and Halogen-free compliant
• Broadest range of radial-leaded resettable devices available in the industry
• Current ratings from 50mA to 2A
• Line voltage rating of 120VAC, VDC and 240VAC, VDC
• Fast time-to-trip
• Low resistance
• UL Recognized to UL 1434
• CSA Approved to CSA TIL No. CA-3A
• TUV Approved to EN 60730-1
• CQC Approved to GB 8898, GB/T 7153, GB 14536.1




Similar Part No. - LVR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LVR VISHAY-LVR Datasheet
153Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Commercial, Military, MIL-PRF-49465 Type RLV, Axial Lead
29-Feb-08
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
Low-TCR Current Sense Chips
logo
DATEL, Inc.
LVR-123-QL DATEL-LVR-123-QL Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
LVR-123-QL-5 DATEL-LVR-123-QL-5 Datasheet
132Kb / 1P
5-Volt LDO Linear Voltage Regulator
LVR-123-QL-C DATEL-LVR-123-QL-C Datasheet
133Kb / 1P
5-Volt LDO Linear Voltage Regulator
More results


Similar Description - LVR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR005N MACOM-LVR005N Datasheet
212Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
PolySwitch Resettable Devices
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
PolySwitch Resettable Devices
LVR008N MACOM-LVR008N Datasheet
219Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
PolySwitch Resettable Devices
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
PolySwitch Resettable Devices
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com