Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVR Datasheet(PDF) 2 Page - Littelfuse

Part # LVR
Description  PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LVR Datasheet(HTML) 2 Page - Littelfuse

  LVR Datasheet HTML 1Page - Littelfuse LVR Datasheet HTML 2Page - Littelfuse LVR Datasheet HTML 3Page - Littelfuse LVR Datasheet HTML 4Page - Littelfuse LVR Datasheet HTML 5Page - Littelfuse LVR Datasheet HTML 6Page - Littelfuse LVR Datasheet HTML 7Page - Littelfuse LVR Datasheet HTML 8Page - Littelfuse LVR Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PolySwitch® Resettable PPTCs
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 12/20/20
Line-Voltage-Rated Devices
Electrical Characteristics
(Cont’d)
Part
Number
Ordering
Part
Number
IH
IT
VMAX†
IMAX†
PD Typ
Max Time-to-
trip
RMIN
RMAX
R1MAX
Lead Size
(mm2/
AWG)
Operating
Interrupt
Interrupt
(A)
(A)
(VAC, VDC)
(VAC, VDC)
(A)
(W)
(A)
(s)
(Ω)
(Ω)
(Ω)
LVR
LVR012K
LVR012S
122814-000
D63011-000
0.12
0.30
240
265
1.2
1.0
0.60
15.0
3.0
6.5
12.0
0.51/24
120
135
20.0
LVR016K
LVR016S
887538-000
224962-000
0.16
0.37
240
265
2.0
1.4
0.80
15.0
2.5
4.1
7.8
0.51/24
120
135
20.0
LVR025K
LVR025S
657076-000
543478-000
0.25
0.56
240
265
3.5
1.5
1.25
18.5
1.3
2.1
3.8
0.64/22
120
135
20.0
LVR033K
LVR033S
F74007-000
F71843-000
0.33
0.74
240
265
4.5
1.7
1.65
21.0
0.77
1.24
2.60
0.64/22
120
135
20.0
LVR040K
LVR040S
598204-000
336638-000
0.40
0.90
240
265
5.5
2.0
2.00
24.0
0.60
0.97
1.90
0.64/22
120
135
20.0
LVR055K
LVR055S
F17956-000
758968-000
0.55
1.25
240
265
7.0
3.4
2.75
26.0
0.45
0.73
1.45
0.81/20
120
135
20.0
LVR075K-240
LVR075S-240
RF4176-000
RF3174-000
0.75
1.50
240
265
7.5
2.6
3.75
18.0
0.316
0.483
0.839
0.81/20
LVR100K-240
LVR100S-240
RF4177-000
RF3175-000
1.00
2.00
240
265
10.0
2.9
5.00
21.0
0.218
0.334
0.580
0.81/20
LVR125K-240
LVR125S-240
RF4178-000
RF3176-000
1.25
2.50
240
265
12.5
3.3
6.25
23.0
0.165
0.253
0.440
0.81/20
LVR200K-240
LVR200S-240
RF4179-000
RF3177-000
2.00
4.00
240
265
20.0
4.5
10.00
28.0
0.089
0.131
0.221
0.81/20
Notes:
IH
: Hold current: maximum current device will pass without interruption in 20°C still air.
IT
: Trip current: minimum current that will switch the device from low resistance to high resistance in 20°C still air.
VMAX Operating : Maximum continuous voltage device can withstand without damage at rated current.
VMAX Interrupt : Under specified conditions this is the highest voltage that can be applied to the device at the maximum interrupt current.
IMAX Interrupt : Maximum fault current device can withstand without damage at rated voltage.
PD
: Power dissipated from device when in the tripped state in 20°C still air.
RMIN
: Minimum resistance of device as supplied at 20°C unless otherwise specified.
RMAX
: Maximum resistance of device as supplied at 20°C unless otherwise specified.
R1MAX
: Maximum resistance of device when measured one hour post trip at 20°C unless otherwise specified.
* Electrical characteristics determined at 25°C.
† See Application Limitations on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com