Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G97 Datasheet (PDF) - Texas Instruments

SN74LVC1G97 Datasheet PDF - Texas Instruments
Part # SN74LVC1G97
Download  SN74LVC1G97 Download
File Size   590.27 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CONFIGURABLE MULTIPLE-FUNCTION GATE

SN74LVC1G97 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G97 Datasheet PDF - Texas Instruments

Part # SN74LVC1G97
Download  SN74LVC1G97 Click to download

File Size   590.27 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CONFIGURABLE MULTIPLE-FUNCTION GATE

SN74LVC1G97 Datasheet (HTML) - Texas Instruments


SN74LVC1G97 Product details

1FEATURES
· Qualified for Automotive Applications
· Supports 5-V VCC Operation
· Inputs Accept Voltages to 5.5 V
· Max tpd of 7.3 ns at 3.3 V
· Low Power Consumption, 10-mA Max ICC
· ±24-mA Output Drive at 3.3 V
· Ioff Supports Partial-Power-Down Mode
Operation
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
· Choose From Nine Specific Logic Functions

DESCRIPTION/ORDERING INFORMATION
This configurable multiple-function gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G97 features configurable multiple functions. The output state is determined by eight patterns of
3-bit input. The user can choose the logic functions MUX, AND, OR, NAND, NOR, inverter, and noninverter. All
inputs can be connected to VCC or GND.
This device functions as an independent gate but, because of Schmitt action, it may have different input
threshold levels for positive-going (VT+) and negative-going (VT–) signals.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - SN74LVC1G97

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G97 TI-SN74LVC1G97 Datasheet
516Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G97 TI-SN74LVC1G97 Datasheet
755Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G97 TI1-SN74LVC1G97 Datasheet
2Mb / 34P
Configurable Multiple-Function Gate
SN74LVC1G97 TI2-SN74LVC1G97 Datasheet
1Mb / 40P
SN74LVC1G97 Configurable Multiple-Function Gate
REVISED JANUARY 2017
SN74LVC1G97-EP TI1-SN74LVC1G97-EP Datasheet
543Kb / 14P
CONFIGURABLEMULTIPLE-FUNCTION GATE
More results


Similar Description - SN74LVC1G97

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com