Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G97 Datasheet (PDF) - Texas Instruments

SN74LVC1G97 Datasheet PDF - Texas Instruments
Part # SN74LVC1G97
Download  SN74LVC1G97 Download
File Size   2019.64 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G97 Configurable Multiple-Function Gate

SN74LVC1G97 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G97 Datasheet PDF - Texas Instruments

Part # SN74LVC1G97
Download  SN74LVC1G97 Click to download

File Size   2019.64 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G97 Configurable Multiple-Function Gate

SN74LVC1G97 Datasheet (HTML) - Texas Instruments


SN74LVC1G97 Product details

1 Features
1• ESD Protection Exceeds JESD 22
– 2000-V Human Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Supports Down Translation to VCC
• Max tpd of 6.3 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Choose From Nine Specific Logic Functions

2 Applications
• Barcode Scanners
• Cable Solutions
• E-Books
• Embedded PCs
• Field Transmitter: Temperature or Pressure
Sensors
• Fingerprint Biometrics
• HVAC: Heating, Ventilating, and Air Conditioning
• Network-Attached Storage (NAS)
• Server Motherboards and PSUs
• Software Defined Radios (SDR)
• TVs: High Definition (HDTV), LCD, and Digital
• Video Communications Systems
• Wireless Data Access Cards, Headsets,
Keyboard, Mouse, and LAN Cards

3 Description
The SN74LVC1G97 device features configurable
multiple functions. The output state is determined by
eight patterns of 3-bit input. The user can choose the
logic functions MUX, AND, OR, NAND, NOR,
inverter, and noninverter. All inputs can be connected
to VCC or GND.
This configurable multiple-function gate is designed
for 1.65-V to 5.5-V VCC operation.
This device functions as an independent gate, but
because of Schmitt action, it may have different input
threshold levels for positive-going (VT+) and negativegoing
(VT–) signals.
NanoFree package technology is a major breakthrough
in IC packaging concepts, using the die as
the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC1G97

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G97 TI-SN74LVC1G97 Datasheet
516Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G97 TI-SN74LVC1G97 Datasheet
755Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G97 TI1-SN74LVC1G97 Datasheet
2Mb / 34P
Configurable Multiple-Function Gate
SN74LVC1G97 TI2-SN74LVC1G97 Datasheet
590Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
REVISED APRIL 2008
SN74LVC1G97-EP TI1-SN74LVC1G97-EP Datasheet
543Kb / 14P
CONFIGURABLEMULTIPLE-FUNCTION GATE
More results


Similar Description - SN74LVC1G97

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com