Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE5743 Datasheet (PDF) - OSRAM GmbH

SCE5743 Datasheet PDF - OSRAM GmbH
Part # SCE5743
Download  SCE5743 Download
File Size   653.8 Kbytes
Page   16 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Dot Addressable Intelligent Display짰 Devices

SCE5743 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCE5743 Datasheet PDF - OSRAM GmbH

Part # SCE5743
Download  SCE5743 Click to download

File Size   653.8 Kbytes
Page   16 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Dot Addressable Intelligent Display짰 Devices

SCE5743 Datasheet (HTML) - OSRAM GmbH


SCE5743 Product details

DESCRIPTION
The SCE574x is a four digit, dot addressable 5 x 7 dot matrix, serial input, alphanumeric Intelligent Display device. The four digits are packaged in a rugged, high quality, optically transparent, plastic 14 pin DIP with 2.54 mm (0.1") pin spacing.
The SCE574xP is a SIP version of SCE574x. The SCE574xQ is also a SIP version of the SCE574x but the leads are at right angles to the package so that the part can be mounted vertically. The SIP version parts have only 7 pins. The SIP parts do not have the option of using an external clock. All the electrical descriptions for the SCE574x apply to the SIP versions except the allusions to the external clock.

FEATURES
• Four 4.57 mm (0.180") 5 x 7 Dot Matrix Characters in Red, Yellow, Super-red, Green, High Efficiency Green, Orange
• Optimum Display Surface Efficiency (display area to package ratio)
• High Speed Data Input Rate: 5.0 MHz
• ROMless Serial Input, Dot Addressable Display Ideal for User Defined Characters
• Built-in Decoders, Multiplexers and LED Drivers
• Wide Viewing Angle, X Axis ± 55°, Y Axis ± 55°

ATTRIBUTES
– 140 Bit RAM for User Defined Characters
– Eight Dimming Levels plus eight fine dimming levels.
– Power Down Model (< 250 mW)
– Hardware/Software Clear Functions
– External Clock-SCE574x only




Similar Part No. - SCE5743

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SCE5780 OSRAM-SCE5780 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
SCE5781 OSRAM-SCE5781 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
SCE5782 OSRAM-SCE5782 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
SCE5783 OSRAM-SCE5783 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
SCE5784 OSRAM-SCE5784 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
More results


Similar Description - SCE5743

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
SCD5580 SIEMENS-SCD5580 Datasheet
114Kb / 15P
Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
OSRAM GmbH
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
5x7 Dot Matrix Intelligent Display
SCE5780 OSRAM-SCE5780 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
SCD55100A OSRAM-SCD55100A Datasheet
699Kb / 17P
Dot Addressable Intelligent Display짰 Devices
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
Intelligent Addressable Plug-In Ionization Smoke Detector
SS-T GAMEWELL-FCI-SS-T Datasheet
88Kb / 2P
Intelligent Addressable Plug-In Thermal (Heat) Detectors
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
HSDP2110S OSRAM-HSDP2110S Datasheet
977Kb / 16P
Alphanumeric Intelligent Display Devices
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com