Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE5743 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SCE5743
Description  Dot Addressable Intelligent Display짰 Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5743 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SCE5743 Datasheet HTML 5Page - OSRAM GmbH SCE5743 Datasheet HTML 6Page - OSRAM GmbH SCE5743 Datasheet HTML 7Page - OSRAM GmbH SCE5743 Datasheet HTML 8Page - OSRAM GmbH SCE5743 Datasheet HTML 9Page - OSRAM GmbH SCE5743 Datasheet HTML 10Page - OSRAM GmbH SCE5743 Datasheet HTML 11Page - OSRAM GmbH SCE5743 Datasheet HTML 12Page - OSRAM GmbH SCE5743 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SCE5740, SCE5741, SCE5742, SCE5743, SCE5744, SCE5745
2006-03-30
9
Row Strobing
Multiplexer and Display Driver
The four characters are row multiplexed with RAM resident column
data. The strobe rate is established by the internal or external
MUX Clock rate. The MUX Clock frequency is divided by a 448
counter chain. This results in a typical strobe rate of 768 Hz. By
pulling the Clock SEL line low, the display can be operated from an
external MUX Clock. The external clock is attached to the CLK I/O
connection (pin 8). The maximum external MUX Clock frequency
should be limited to 3 MHz.
When a high speed external clock is used the frequency can be
further divided down by 16 by using the built in prescaler. In the
control word format data bit D4 is set high (D4=1). It is not recom-
mended to use the prescaler with the internal clock.
An asynchronous hardware Reset (pin 6) is also provided. Bring-
ing this pin low will clear the Character Address Register, Control
Word Register, RAM, and blanks the display. This action leaves the
display set at Character Address 0, and the Brightness Level set at
100%.
The user can activate four Control functions. These include: LED
Brightness Level, IC Power Down, Prescaler, or Display Clear.
OPCODEs and six bit words are used to initiate these functions.
The OPCODEs and Control Words for the Character Address and
Loading Column Data are shown in Tables „Load Character
Address“ (page 10) and „Load Column Data“ (page 10).
Control Word Format
0
4
5
6
Columns
12 3 4
Load
Row
Load Row 0
1
2
3
0
Columns
01 23 4
Columns
01 2 34
Load Row 1
Load Row 2
Load Row 5
Columns
Columns
01 2 3 40
Columns
12 3 4
01
Load Row 4
Load Row 3
Columns
IDXX5184
23 4
01 2 34
Load Row 6
6
5
3
4
2
0
1
6
5
3
4
2
0
1
6
5
3
4
2
0
1
6
5
3
4
2
0
1
6
5
3
4
2
0
1
6
5
3
4
2
0
1
Basic Instruction Set
Instruction
Opcode
Address/Data
Comments
LCD
000
D4
D3
D2
D1
D0
Load Column Data
LDA
101
X
X
A2
A1
A0
Load Digit Address
SCL
110
PS
B3
B2
B1
B0
Software Clear
LCWD
111
PS
B3
B2
B1
B0
Load Control Word Data
IDCW5162
D7
1
D6
1
D5
1
D4
PS
D3
B3
D2
B2
D1
B1
D0
B0
6.6%
0
0
1
1
B2
100%
27%
40%
20%
13%
53%
0
0
1
Brightness
B1
0
B0
0
0
1
1
01
0
010
10
1
11
1
Blank Display &
Power Down
0
1
Full
Reduce to 12.5%
Pre-Scalar
MUX Clock/16
0
No Divide
1
by 16
PS
B3 Peak Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com