Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE5743 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # SCE5743
Description  Dot Addressable Intelligent Display짰 Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5743 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button SCE5743 Datasheet HTML 8Page - OSRAM GmbH SCE5743 Datasheet HTML 9Page - OSRAM GmbH SCE5743 Datasheet HTML 10Page - OSRAM GmbH SCE5743 Datasheet HTML 11Page - OSRAM GmbH SCE5743 Datasheet HTML 12Page - OSRAM GmbH SCE5743 Datasheet HTML 13Page - OSRAM GmbH SCE5743 Datasheet HTML 14Page - OSRAM GmbH SCE5743 Datasheet HTML 15Page - OSRAM GmbH SCE5743 Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
2006-03-30
12
SCE5740, SCE5741, SCE5742, SCE5743, SCE5744, SCE5745
Display Interface to Siemens/Intel 8031 Microprocessor (using serial port in mode 0)
Display Interface to Siemens/Intel 8031 Microprocessor (using one bit of parallel port as serial port)
Display Interface with Motorola 68HC05C4 Microprocessor (using SPI port)
IDCD5027
XTAL2
RxD
18
10
19
XTAL1
RST
9
17
P3.7
13
P3.3
P3.4
14
8031
U1
TxD
11
SDCLK
RST
LD
GND
CLKSEL
CLK I/O
CC
V
DATA
CC
V
40
ID
0.01 µF
TAN
22 µF
CC
V
VCC
5
2
6
7
3
1
14
8
IDCD5028
XTAL2
P3.0
18
10
19
XTAL1
RST
1
8031
U1
SDCLK
RST
LD
GND
CLKSEL
CLK I/O
CC
V
DATA
CC
V
40
ID
0.01 µF
TAN
22 µF
CC
V
VCC
P1.0
9
20
P3.1
11
P3.6
16
P0.0
39
7
6
2
5
3
1
14
8
IDCD5029
OSC1
PA0
38
11
39
OSC2
RST
1
68HC05C4
U1
SDCLK
RST
LD
GND
CS
CLK I/O
CC
V
DATA
CC
V
40
ID
0.01 µF
TAN
22 µF
CC
V
VCC
PA2
9
20
PA1
10
SCLK
33
MOSI
32
5
2
6
7
3
1
14
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com