Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC3G34 Datasheet (PDF) - Texas Instruments

SN74LVC3G34 Datasheet PDF - Texas Instruments
Part # SN74LVC3G34
Download  SN74LVC3G34 Download
File Size   707.69 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC3G34 Triple Buffer Gate

SN74LVC3G34 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC3G34 Datasheet PDF - Texas Instruments

Part # SN74LVC3G34
Download  SN74LVC3G34 Click to download

File Size   707.69 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC3G34 Triple Buffer Gate

SN74LVC3G34 Datasheet (HTML) - Texas Instruments


SN74LVC3G34 Product details

1 Features
1• Available in the Texas Instruments
NanoFree™ Package
• Supports 5.5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 4.1 ns at 3.3 V
• Low Power Consumption, 10-μA Maximum ICC
• ±24-mA Output Drive at 3.3 V
• Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical V OHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Can Be Used as a Down Translator to Translate
Inputs From a Maximum of 5.5 V Down to the VCC
Level
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• AV Receivers
• Audio Docks: Portable
• Blu-ray Players and Home Theaters
• DVD Recorders and Players
• Embedded PCs
• MP3 Players and Recorders (Portable Audio)
• Personal Digital Assistant (PDA)
• Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
• Solid-State Drive (SSD): Client and Enterprise
• TV: LCD/Digital and High-Definition (HDTV)
• Tablets: Enterprise
• Video Analytics: Servers
• Wireless Headsets, Keyboards, and Mice

3 Description
The SN74LVC3G34 device is a triple buffer gate
designed for 1.65-V to 5.5-V VCC operation. The
SN74LVC3G34 device performs the Boolean function
Y = A in positive logic.
NanoFree package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC3G34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G34 TI-SN74LVC3G34 Datasheet
318Kb / 12P
TRIPLE BUFFER GATE
SN74LVC3G34 TI-SN74LVC3G34 Datasheet
533Kb / 13P
TRIPLE BUFFER GATE
SN74LVC3G34DCTR TI-SN74LVC3G34DCTR Datasheet
318Kb / 12P
TRIPLE BUFFER GATE
SN74LVC3G34DCTR TI-SN74LVC3G34DCTR Datasheet
533Kb / 13P
TRIPLE BUFFER GATE
SN74LVC3G34DCTR TI1-SN74LVC3G34DCTR Datasheet
903Kb / 21P
Triple Buffer Gate
More results


Similar Description - SN74LVC3G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
Triple buffer gate
Rev. 03-31 January 2005
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
Triple Buffer Gate
2003 May 19
74HC3G34 NXP-74HC3G34 Datasheet
90Kb / 13P
Triple buffer gate
Rev. 05-7 May 2009
logo
Texas Instruments
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
TRIPLE BUFFER GATE
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
TRIPLE BUFFER GATE
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
Triple Buffer Gate
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
Triple buffer gate
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
Triple buffer gate
Rev. 7 - 11 June 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com