Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1003 Datasheet (PDF) - Adafruit Industries

1003 Datasheet PDF - Adafruit Industries
Part # 1003
Download  1003 Download
File Size   73.96 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Pig-Tail Cables - 0.1" 2-pin - 4 Pack

1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
1003 Datasheet PDF - Adafruit Industries

Part # 1003
Download  1003 Click to download

File Size   73.96 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Pig-Tail Cables - 0.1" 2-pin - 4 Pack

1003 Datasheet (HTML) - Adafruit Industries


1003 Product details

o Dupont 0.1" spaced connector
o Cable length: 12 inches
o While there's no indication on the wire, we believe that this is 26 AWG stranded wire based on our
trained eye.




Similar Part No. - 1003

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1003 CANDD-1003 Datasheet
360Kb / 1P
Pulse Transformers
logo
Tyco Electronics
1003 MACOM-1003 Datasheet
50Kb / 1P
WILMAR??Protective Relays - 1000 Series
logo
XFMRS Inc.
1003 XFMRS-1003 Datasheet
51Kb / 1P
MAGNETICS
logo
Samsung semiconductor
1003-001243 SAMSUNG-1003-001243 Datasheet
1Mb / 43P
Color Monitor
September 1999
logo
Heyco.
10030 HEYCO-10030 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
More results


Similar Description - 1003

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-10362 SPARKFUN-PRT-10362 Datasheet
81Kb / 1P
Jumper Wire - 0.1, 2-pin, 4
10????8
PRT-10363 SPARKFUN-PRT-10363 Datasheet
87Kb / 1P
Jumper Wire - 0.1, 3-pin, 4
10????8
PRT-10364 SPARKFUN-PRT-10364 Datasheet
99Kb / 1P
Jumper Wire - 0.1, 4-pin, 4
10????8
PRT-10365 SPARKFUN-PRT-10365 Datasheet
93Kb / 1P
Jumper Wire - 0.1, 5-pin, 4
10????8
PRT-10366 SPARKFUN-PRT-10366 Datasheet
97Kb / 1P
Jumper Wire - 0.1, 6-pin, 4
10????8
PRT-10367 SPARKFUN-PRT-10367 Datasheet
88Kb / 1P
Jumper Wire - 0.1, 2-pin, 6
10????8
PRT-10369 SPARKFUN-PRT-10369 Datasheet
87Kb / 1P
Jumper Wire - 0.1, 4-pin, 6
10????8
PRT-10372 SPARKFUN-PRT-10372 Datasheet
95Kb / 1P
Jumper Wire - 0.1, 2-pin, 12
10????8
PRT-10374 SPARKFUN-PRT-10374 Datasheet
230Kb / 1P
Jumper Wire - 0.1, 4-pin, 12
10-2-18
logo
STI Vibration Monitorin...
CMCP604 STI-CMCP604 Datasheet
286Kb / 1P
CMCP604 4-Pin Triaxial Accelerometer Extension Cables
Rev. 6/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com