Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMCP604 Datasheet (PDF) - STI Vibration Monitoring Inc.

CMCP604 Datasheet PDF - STI Vibration Monitoring Inc.
Part # CMCP604
Download  CMCP604 Download
File Size   286.31 Kbytes
Page   1 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description CMCP604 4-Pin Triaxial Accelerometer Extension Cables

CMCP604 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMCP604 Datasheet PDF - STI Vibration Monitoring Inc.

Part # CMCP604
Download  CMCP604 Click to download

File Size   286.31 Kbytes
Page   1 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description CMCP604 4-Pin Triaxial Accelerometer Extension Cables

CMCP604 Datasheet (HTML) - STI Vibration Monitoring Inc.


CMCP604 Product details

Features
•4 Pin MIL Spec Connector
•Shielded, Twisted, 22 AWG
•Gray PVC Insulated Cable (80° C)
•Water Tight Connector and Backshell




Similar Part No. - CMCP604

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP600C-K STI-CMCP600C-K Datasheet
390Kb / 1P
CMCP600C-K Connector Installation Kit
CMCP602A STI-CMCP602A Datasheet
415Kb / 2P
CMCP602A Series Armored Sensor Extension Cable, 2 Socket MIL 5015 Connector
9/9/2022
CMCP602H STI-CMCP602H Datasheet
473Kb / 2P
CMCP602H Series High Temperature 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Yellow FEP Jacket
July 2023
CMCP602HST STI-CMCP602HST Datasheet
470Kb / 2P
High Temperature 2 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Yellow FEP Jacket
July 2023
CMCP602L STI-CMCP602L Datasheet
488Kb / 2P
General Purpose 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Black TPE Jacket
More results


Similar Description - CMCP604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2422-002 ETC2-2422-002 Datasheet
549Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
Triaxial Analog Accelerometer
logo
List of Unclassifed Man...
128820 ETC2-128820 Datasheet
109Kb / 1P
Extension Cables
logo
TE Connectivity Ltd
832M1 TEC-832M1 Datasheet
168Kb / 3P
Triaxial Piezoelectric Accelerometer
834M1 TEC-834M1 Datasheet
165Kb / 3P
Triaxial Piezoelectric Accelerometer
830M1 TEC-830M1 Datasheet
694Kb / 15P
830M1 TRIAXIAL CONDITION MONITORING ACCELEROMETER
logo
STI Vibration Monitorin...
CMCP760TT STI-CMCP760TT Datasheet
541Kb / 2P
Triaxial Accelerometer with Temperature Output
January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com