Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1164 Datasheet (PDF) - Adafruit Industries

1164 Datasheet PDF - Adafruit Industries
Part # 1164
Download  1164 Download
File Size   89.95 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description INA169 Analog DC Current Sensor Breakout - 60V 5A Max

1164 Datasheet (PDF)

Go To PDF Page Download Datasheet
1164 Datasheet PDF - Adafruit Industries

Part # 1164
Download  1164 Click to download

File Size   89.95 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description INA169 Analog DC Current Sensor Breakout - 60V 5A Max

1164 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1164

ManufacturerPart #DatasheetDescription
logo
CEE Norm UK Ltd
1164 CEENORM-1164 Datasheet
1Mb / 4P
Socket Outlets
logo
List of Unclassifed Man...
11640-101 ETC1-11640-101 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
11640-111 ETC1-11640-111 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
11640-828 ETC1-11640-828 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
11640-838 ETC1-11640-838 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
More results


Similar Description - 1164

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL6019 ETC2-XL6019 Datasheet
615Kb / 13P
220KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
CONEC Elektronische Bau...
33DSMT1-E15SNCT CONEC-33DSMT1-E15SNCT Datasheet
128Kb / 1P
Rated current : 5A max
logo
XLSEMI
XL6012 XLSEMI-XL6012 Datasheet
443Kb / 14P
180KHz 60V 5A Switching Current Boost DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
220KHz 60V 5A switching current boost/buck-boost DC-DC converter
logo
SparkFun Electronics
ROB-09453 SPARKFUN-ROB-09453 Datasheet
126Kb / 2P
SparkFun Line Sensor Breakout - QRE1113 (Analog)
11/16/2015
SEN-13679 SPARKFUN-SEN-13679 Datasheet
185Kb / 2P
SparkFun Current Sensor Breakout - ACS723
6??5??8
logo
Littelfuse
DCNLM LITTELFUSE-DCNLM Datasheet
467Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 081122-A
logo
TiMOTION Technology Co....
TC23 TIMOTION-TC23 Datasheet
380Kb / 4P
Max. output 24V DC, 5A
20210302-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com