| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX5104
|
119Kb / 12P |
Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Rev 0; 11/99 |
|
MAX525
|
141Kb / 16P |
Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96 |
|
MAX5302
|
696Kb / 12P |
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99 |
|
MAX5721
|
643Kb / 14P |
10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03 |
|
MAX5722
|
686Kb / 14P |
12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03 |
|
MAX5742
|
676Kb / 15P |
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03 |
 IC MICROSYSTEMS |
ICM7562
|
186Kb / 10P |
12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
|
|
ICM7563
|
192Kb / 11P |
12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
|
|
ICM7712
|
333Kb / 9P |
12-Bit 1.2v Low Power Single DAC With Serial Interface and Voltage Output
|
|
ICM7722
|
137Kb / 10P |
12-Bit 1.2v Low Power Dual DAC With Serial Interface and Voltage Output
|