Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7561 Datasheet(PDF) 7 Page - IC MICROSYSTEMS

Part # ICM7561
Description  12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7561 Datasheet(HTML) 7 Page - IC MICROSYSTEMS

  ICM7561 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7561 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7561 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7561 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7561 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7561 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7561 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7561 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7561 Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ICM7561/7541/7521
Rev. A6
ICmic reserves the right to change specifications without prior notice
7
Power-Down Mode
The DACs have three Software-Selectable Power-Down
Output Impedances (1 K Ohm, 100 K Ohm and Hi-Z) as
additional safety feature for applications that drive
transducers or valves. The power down (or wake up
command) can be done by loading the control word with
1111 (C3 to C0). In power down mode, the selection of the
output impedance of the DAC is controlled by the last two
bits (D0 and D1 for the ICM7561, or A0 and A1 for the
ICM7541/7521). See Table 1 and Table 2 for details of
operation of this function.
Power-On Reset
There is a power-on reset on board that will clear the
contents of all the latches to all 0s on power-up and the
DAC voltage output will go to ground.
APPLICATIONS INFORMATION
Power Supply Bypassing and Layout Considerations
As in any precision circuit, careful consideration has to be
given to layout of the supply and ground. The return path
from the GND to the supply ground should be short with
low impedance. Using a ground plane would be ideal. The
supply should have some bypassing on it. A 10
F
tantalum capacitor in parallel with a 0.1 F ceramic with a
low ESR can be used. Ideally these would be placed as
close as possible to the device. Avoid crossing digital and
analog signals, specially the reference, or running them
close to each other.
Output Swing Limitations
The ideal rail-to-rail DAC would swing from GND to VDD.
However, offset and gain error limit this ability. Figure 4
illustrates how a negative offset error will affect the output.
The output will limit close to ground since this is single
supply part, resulting in a dead-band area. As a larger
input is loaded into the DAC the output will eventually rise
above ground. This is why the linearity is specified for a
starting code greater than zero.
Figure 5 illustrates how a gain error or positive offset error
will affect the output when it is close to VDD. A positive gain
error or positive offset will cause the output to be limited to
the positive supply voltage resulting in a dead-band of
codes close to full-scale.
DEADBAND
NEGATIVE
OFFSET
Figure 4. Effect of Negative Offset
DEADBAND
POSITIVE
OFFSET
OFFSET AND
GAIN ERROR
VDD
Figure 5. Effect of Gain Error and Positive Offset



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com