Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB Datasheet (PDF) - TE Connectivity Ltd

PCB Datasheet PDF - TE Connectivity Ltd
Part # PCB
Download  PCB Download
File Size   1825.76 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description PCFN SOLAR High Performance Power PCB Relay

PCB Datasheet (PDF)

Go To PDF Page Download Datasheet
PCB Datasheet PDF - TE Connectivity Ltd

Part # PCB
Download  PCB Click to download

File Size   1825.76 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description PCFN SOLAR High Performance Power PCB Relay

PCB Datasheet (HTML) - TE Connectivity Ltd


PCB Product details

Key Benefits
• Compact size for PCB
applications
• Meets IEC 62109-2
requirement for > 1.8 mm
contact gap
• Energy efficient holding
power of 200 mW
Applications
• Photovoltaic inverters
• Charging stations
• Electrical grid disconnects




Similar Part No. - PCB

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
332Kb / 3P
Vertical and horizontal version
PCB TEC-PCB Datasheet
192Kb / 2P
Power PCB Relay RPII/2 1.5 mm Contact Gap
Rev. 0718
logo
Tyco Electronics
PCB MACOM-PCB Datasheet
699Kb / 3P
Miniature PCB Relay PCH
09-2010, Rev. 0910
logo
Anderson Power Products...
PCB APP-PCB Datasheet
235Kb / 2P
45 amp High Power PCB
logo
Fortex Engineering Ltd
PCB FORTEX-PCB Datasheet
72Kb / 1P
PCB Scrub Cleaning Eraser Polibloc
More results


Similar Description - PCB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCFN MACOM-PCFN_09 Datasheet
143Kb / 2P
Power PCB Relay PCFN Solar
logo
Hongfa Technology
HF161F-W HONGFA-HF161F-W Datasheet
73Kb / 3P
SOLAR RELAY
HF165F HONGFA-HF165F Datasheet
55Kb / 3P
SOLAR RELAY
HF116F-G HONGFA-HF116F-G Datasheet
75Kb / 4P
SOLAR RELAY
HF167F HONGFA-HF167F Datasheet
57Kb / 2P
SOLAR RELAY
HF170F HONGFA-HF170F Datasheet
63Kb / 2P
SOLAR RELAY
HF172F-100 HONGFA-HF172F-100 Datasheet
57Kb / 2P
SOLAR RELAY
HF172F-140 HONGFA-HF172F-140 Datasheet
56Kb / 2P
SOLAR RELAY
HF176F HONGFA-HF176F Datasheet
54Kb / 2P
SOLAR RELAY
HF161F-W HONGFA-HF161F-W_V01 Datasheet
590Kb / 3P
SOLAR RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com