Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PCB
Description  PCFN SOLAR High Performance Power PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCB Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PCB Datasheet HTML 1Page - TE Connectivity Ltd PCB Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCFN
SOLAR
High Performance
Power PCB Relay
INTELLIGENT BUILDINGS/// POWER PCB RELAY PCFN SOLAR
TE Connectivity has expanded the PCFN Solar Relay line to include
a new high performance relay with larger ( > 1.8 mm) contact gaps
to support extended insulation requirements for use in photovoltaic
applications. With the same mechanical dimensions as the standard
PCFN solar relays, the new high performance version has increased
thermal performance up to 90°C and features a 1.5 W coil with low
holding power of 200 mW to help lower energy costs.
Contact data
• Contact arrangement:
1 form A (NO)
• Contact gap:
> 1.8 mm
• Rated voltage:
277 VAC
• Rated current:
26 A at 75 °C,
• Breaking capacity max.:
7200 VA
• Contact material:
AgSnO2
Coil Data
• Rated coil voltage:
12 VDC and 24 VDC
• UL coil insulation system:
Class F
• Rated coil power:
1.5 W 1
Insulation Data
• Initial dielectric strength:
Open contacts:
2500 V rms
Contact and coil:
4000 V rms
• Clearance/creepage:
6.1 mm
Mechanical
• Ambient temperature:
-25 to + 90 °C 1
• Vibration resistance:
10g
• Shock resistance:
100g
Key Benefits
• Compact size for PCB
applications
• Meets IEC 62109-2
requirement for > 1.8 mm
contact gap
• Energy efficient holding
power of 200 mW
Applications
• Photovoltaic inverters
• Charging stations
• Electrical grid disconnects
1
Ambient temperature: >23 °C requires reduction of coil voltage to 37%...50% of rated coil voltage after 100 ms


Similar Part No. - PCB

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
332Kb / 3P
Vertical and horizontal version
PCB TEC-PCB Datasheet
192Kb / 2P
Power PCB Relay RPII/2 1.5 mm Contact Gap
Rev. 0718
logo
Tyco Electronics
PCB MACOM-PCB Datasheet
699Kb / 3P
Miniature PCB Relay PCH
09-2010, Rev. 0910
logo
Anderson Power Products...
PCB APP-PCB Datasheet
235Kb / 2P
45 amp High Power PCB
logo
Fortex Engineering Ltd
PCB FORTEX-PCB Datasheet
72Kb / 1P
PCB Scrub Cleaning Eraser Polibloc
More results

Similar Description - PCB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCFN MACOM-PCFN_09 Datasheet
143Kb / 2P
Power PCB Relay PCFN Solar
logo
Hongfa Technology
HF161F-W HONGFA-HF161F-W Datasheet
73Kb / 3P
SOLAR RELAY
HF165F HONGFA-HF165F Datasheet
55Kb / 3P
SOLAR RELAY
HF116F-G HONGFA-HF116F-G Datasheet
75Kb / 4P
SOLAR RELAY
HF167F HONGFA-HF167F Datasheet
57Kb / 2P
SOLAR RELAY
HF170F HONGFA-HF170F Datasheet
63Kb / 2P
SOLAR RELAY
HF172F-100 HONGFA-HF172F-100 Datasheet
57Kb / 2P
SOLAR RELAY
HF172F-140 HONGFA-HF172F-140 Datasheet
56Kb / 2P
SOLAR RELAY
HF176F HONGFA-HF176F Datasheet
54Kb / 2P
SOLAR RELAY
HF161F-W HONGFA-HF161F-W_V01 Datasheet
590Kb / 3P
SOLAR RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com