Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL29S Datasheet (PDF) - OSRAM GmbH

LTL29S Datasheet PDF - OSRAM GmbH
Part # LTL29S
Download  LTL29S Download
File Size   429.76 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Lead (Pb) Free Product - RoHS Compliant

LTL29S Datasheet (PDF)

Go To PDF Page Download Datasheet
LTL29S Datasheet PDF - OSRAM GmbH

Part # LTL29S
Download  LTL29S Click to download

File Size   429.76 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Lead (Pb) Free Product - RoHS Compliant

LTL29S Datasheet (HTML) - OSRAM GmbH


LTL29S Product details

Features
• package: SMT package 0603, colorless diffused resin
• feature of the device: smallest package 1.7 x 0.8 x 0.65 mm (LxWxH)
• wavelength: 470 nm (blue), 528 nm (true green)
• viewing angle: horizontal 155°, vertical 135°
• technology: InGaN
• optical efficiency: 2 lm/W (blue), 7 lm/W (true green)
• grouping parameter: luminous intensity, wavelength, forward voltage
• assembly methods: suitable for all SMT assembly methods
• soldering methods: IR reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 5000/reel, ø180 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-B

Applications
• flat backlighting (LCD, cellular phones, switches, displays)
• toys
• outdoor displays
• signal and symbol luminary
• marker lights (e.g. steps, exit ways, etc.)




Similar Part No. - LTL29S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTL29S-N1R2-25 OSRAM-LTL29S-N1R2-25 Datasheet
392Kb / 20P
SMARTLED
LTL29S-N1R2-25 OSRAM-LTL29S-N1R2-25 Datasheet
392Kb / 20P
LCD Backlighting
LTL29S-N2Q1-25 OSRAM-LTL29S-N2Q1-25 Datasheet
392Kb / 20P
SMARTLED
LTL29S-N2Q1-25 OSRAM-LTL29S-N2Q1-25 Datasheet
392Kb / 20P
LCD Backlighting
LTL29S-P2R1-25 OSRAM-LTL29S-P2R1-25 Datasheet
392Kb / 20P
SMARTLED
More results


Similar Description - LTL29S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com