Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPL2F81-2S Datasheet (PDF) - OSRAM GmbH

SPL2F81-2S Datasheet PDF - OSRAM GmbH
Part # SPL2F81-2S
Download  SPL2F81-2S Download
File Size   211.32 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Laser Diode in TO-220 Package with FC-Connector 1.5 W cw

SPL2F81-2S Datasheet (PDF)

Go To PDF Page Download Datasheet
SPL2F81-2S Datasheet PDF - OSRAM GmbH

Part # SPL2F81-2S
Download  SPL2F81-2S Click to download

File Size   211.32 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Laser Diode in TO-220 Package with FC-Connector 1.5 W cw

SPL2F81-2S Datasheet (HTML) - OSRAM GmbH


SPL2F81-2S Product details

Features
• Efficient radiation source for cw and pulsed
   operation
• Reliable InGa(Al)As strained quantum-well
   structure
• New optimized single quantum-well structure
• Improved reliability, low treshold current, higher
   efficiency
• Small TO-220 package with efficient thermal
   coupling
• Included thermistor allows wavelength control
   by temperature
• FC-type connector for efficient fiber coupling
   into a 200 µm / 0.22 NA fiber

Applications
• Pumping of fiber lasers and amplifiers (Er, Yb)
• Pumping of solid-state lasers (Nd: YAG,
   Yb: YAG)
• Medical applications
• Soldering, heating, illumination
• Energy transmission
• Testing and measuring applications




Similar Part No. - SPL2F81-2S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2F81 SIEMENS-SPL2F81 Datasheet
122Kb / 6P
Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
More results


Similar Description - SPL2F81-2S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLCG81-2S OSRAM-SPLCG81-2S Datasheet
186Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG98 OSRAM-SPLCG98 Datasheet
187Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPL2F94-2S OSRAM-SPL2F94-2S Datasheet
211Kb / 7P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPLCG65 OSRAM-SPLCG65 Datasheet
180Kb / 7P
Rote Laser Diode in offener Bauform 0.5 W cw
SPL-2F81-2S OSRAM-SPL-2F81-2S Datasheet
206Kb / 8P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com