Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLCG65 Datasheet (PDF) - OSRAM GmbH

SPLCG65 Datasheet PDF - OSRAM GmbH
Part # SPLCG65
Download  SPLCG65 Download
File Size   180.03 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Rote Laser Diode in offener Bauform 0.5 W cw

SPLCG65 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPLCG65 Datasheet PDF - OSRAM GmbH

Part # SPLCG65
Download  SPLCG65 Click to download

File Size   180.03 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Rote Laser Diode in offener Bauform 0.5 W cw

SPLCG65 Datasheet (HTML) - OSRAM GmbH


SPLCG65 Product details

Features
• Efficient radiation source for cw operation
• Reliable strained InGaP quantum-well structure
• Lateral laser aperture 100 µm
• Small C-type copper submount for OEM
   designs

Applications
• Medical applications (cancer treatment,
   ophthalmology, dermatology)
• Pumping of solid state lasers (LiSAF, LiCAF)
• Alignment
• Laser show, entertainment




Similar Part No. - SPLCG65

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPLCG81 SIEMENS-SPLCG81 Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLCG81-2S OSRAM-SPLCG81-2S Datasheet
186Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
logo
Siemens Semiconductor G...
SPLCG85 SIEMENS-SPLCG85 Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
SPLCG94 SIEMENS-SPLCG94 Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLCG94-2S OSRAM-SPLCG94-2S Datasheet
186Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
More results


Similar Description - SPLCG65

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
SPLCGXX SIEMENS-SPLCGXX Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLCG81-2S OSRAM-SPLCG81-2S Datasheet
186Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG94-2S OSRAM-SPLCG94-2S Datasheet
186Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG98 OSRAM-SPLCG98 Datasheet
187Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
PLTB450B OSRAM-PLTB450B Datasheet
631Kb / 7P
Blaue Laser Diode 1.6 W in TO56 Bauform
SPL-CG65 OSRAM-SPL-CG65 Datasheet
184Kb / 7P
Red Laser Diode on Submount 0.5 W cw
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
CW Laser Diode Driver
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com