Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLCG65 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SPLCG65
Description  Rote Laser Diode in offener Bauform 0.5 W cw
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLCG65 Datasheet(HTML) 1 Page - OSRAM GmbH

  SPLCG65 Datasheet HTML 1Page - OSRAM GmbH SPLCG65 Datasheet HTML 2Page - OSRAM GmbH SPLCG65 Datasheet HTML 3Page - OSRAM GmbH SPLCG65 Datasheet HTML 4Page - OSRAM GmbH SPLCG65 Datasheet HTML 5Page - OSRAM GmbH SPLCG65 Datasheet HTML 6Page - OSRAM GmbH SPLCG65 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPL CG65
Red Laser Diode on Submount 0.5 W cw
Rote Laser Diode in offener Bauform 0.5 W cw
2007-04-19
1
Besondere Merkmale
• Effiziente Strahlungsquelle für
Dauerstrichbetrieb
• Zuverlässige kompressiv verspannte InGaP
Quantenfilm-Struktur
• Laterale Austrittsöffnung 100
µm
• Kleiner Kupfer-Kühlkörper (C-Typ) für OEM
Design
Anwendungen
• Medizinische Anwendungen
(Krebsbehandlung, Augenheilkunde,
Hautbehandlung)
• Pumpen von Festkörperlasern (LiSAF, LiCAF)
• Messtechnik
• Laser show, Unterhaltung
Sicherheitshinweise
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte,
sichtbare
Strahlung,
die
gefährlich für das menschliche Auge sein kann.
Produkte, die diese Bauteile enthalten, müssen
gemäß den Sicherheitsrichtlinien der IEC-Norm
60825-1 behandelt werden.
Features
• Efficient radiation source for cw operation
• Reliable strained InGaP quantum-well structure
• Lateral laser aperture 100
µm
• Small C-type copper submount for OEM
designs
Applications
• Medical applications (cancer treatment,
ophthalmology, dermatology)
• Pumping of solid state lasers (LiSAF, LiCAF)
• Alignment
• Laser show, entertainment
Safety Advices
Depending on the mode of operation, these
devices emit highly concentrated visible light
which can be hazardous to the human eye.
Products which incorporate these devices have to
follow the safety precautions given in IEC 60825-1
“Safety of laser products”.


Similar Part No. - SPLCG65

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPLCG81 SIEMENS-SPLCG81 Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLCG81-2S OSRAM-SPLCG81-2S Datasheet
186Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
logo
Siemens Semiconductor G...
SPLCG85 SIEMENS-SPLCG85 Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
SPLCG94 SIEMENS-SPLCG94 Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLCG94-2S OSRAM-SPLCG94-2S Datasheet
186Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
More results

Similar Description - SPLCG65

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
SPLCGXX SIEMENS-SPLCGXX Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLCG81-2S OSRAM-SPLCG81-2S Datasheet
186Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG94-2S OSRAM-SPLCG94-2S Datasheet
186Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG98 OSRAM-SPLCG98 Datasheet
187Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
PLTB450B OSRAM-PLTB450B Datasheet
631Kb / 7P
Blaue Laser Diode 1.6 W in TO56 Bauform
SPL-CG65 OSRAM-SPL-CG65 Datasheet
184Kb / 7P
Red Laser Diode on Submount 0.5 W cw
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
CW Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com