Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSA670 Datasheet (PDF) - OSRAM GmbH

LSA670 Datasheet PDF - OSRAM GmbH
Part # LSA670
Download  LSA670 Download
File Size   428.6 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Lead (Pb) Free Product - RoHS Compliant

LSA670 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSA670 Datasheet PDF - OSRAM GmbH

Part # LSA670
Download  LSA670 Click to download

File Size   428.6 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Lead (Pb) Free Product - RoHS Compliant

LSA670 Datasheet (HTML) - OSRAM GmbH


LSA670 Product details

SIDELED®



Features

• package:white SMT package, colorless clear resin

• feature of the device:radiation direction parallel to PCB, so an ideal LED for coupling in light guides

• wavelength:628 nm (super-red),

  606 nm (orange), 587 nm (yellow),

  570 nm (green), 560 nm (pure green)

• viewing angle:Lambertian Emitter (120°)

• technology:GaAsP (super-red, orange, yellow, green), GaP (pure green)

• optical efficiency:1.5 lm/W (super-red, orange, yellow), 2.5 lm/W (green), 0.6 lm/W (pure green)

• grouping parameter:luminous intensity, wavelength

• assembly methods:suitable for all SMT assembly methods

• soldering methods:IR reflow soldering and TTW soldering

• preconditioning:acc. to JEDEC Level 2

• taping:12 mm tape with 2000/reel, ø330 mm



Applications

• optical indicator

• backlighting (LCD, cellular phones, switches, keys, displays, illuminated advertising, general lighting)

• coupling into light guides

• signal and symbol luminaire

• interior automotive lighting (e.g. dashboard backlighting, etc.)

• marker lights (e.g. steps, exit ways, etc.)




Similar Part No. - LSA670

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
SIDELED
LSA670-HL SIEMENS-LSA670-HL Datasheet
61Kb / 8P
SIDELED
LSA670-J SIEMENS-LSA670-J Datasheet
61Kb / 8P
SIDELED
LSA670-JM SIEMENS-LSA670-JM Datasheet
61Kb / 8P
SIDELED
LSA670-K SIEMENS-LSA670-K Datasheet
61Kb / 8P
SIDELED
More results


Similar Description - LSA670

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com