Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1475 Datasheet (PDF) - Adafruit Industries

1475 Datasheet PDF - Adafruit Industries
Part # 1475
Download  1475 Download
File Size   98.54 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB Audio Adapter - Works with Raspberry Pi

1475 Datasheet (PDF)

Go To PDF Page Download Datasheet
1475 Datasheet PDF - Adafruit Industries

Part # 1475
Download  1475 Click to download

File Size   98.54 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB Audio Adapter - Works with Raspberry Pi

1475 Datasheet (HTML) - Adafruit Industries


1475 Product details

o Wire Length: 139.7mm / 5.5"
o Audio Card Dimensions: 43.76mm / 1.72" x 23.19mm / 0.91" x 11.97mm / 0.47"




Similar Part No. - 1475

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1475 APITECH-1475 Datasheet
488Kb / 1P
Quality injection molded connectors
logo
Tyco Electronics
1475104-1 MACOM-1475104-1 Datasheet
25Kb / 1P
LAMBDA CONNECTOR ASSY
logo
PHOENIX CONTACT
1475114 PHOENIX-1475114 Datasheet
336Kb / 9P
ICC25-PPC2,5/4-5,0-AA-6021 - PCB connector
1475131 PHOENIX-1475131 Datasheet
557Kb / 9P
ICC25-H/4R5,0-6021 - PCB header
logo
Tyco Electronics
147547-000 MACOM-147547-000 Datasheet
234Kb / 2P
D-SCE Fluid resistant heat-shrinkable wire identification sleeves
More results


Similar Description - 1475

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
3257 ETC2-3257 Datasheet
110Kb / 2P
Kano Computer Kit with Raspberry Pi 3
logo
SparkFun Electronics
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
KSA-13B-051250HU ETC-KSA-13B-051250HU Datasheet
655Kb / 9P
Raspberry Pi 12.5W Micro USB Power Supply
2021
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com