Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663 Datasheet (PDF) - Adafruit Industries

1663 Datasheet PDF - Adafruit Industries
Part # 1663
Download  1663 Download
File Size   173.53 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 3-pin JST SM Plug Receptacle Cable Set

1663 Datasheet (PDF)

Go To PDF Page Download Datasheet
1663 Datasheet PDF - Adafruit Industries

Part # 1663
Download  1663 Click to download

File Size   173.53 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 3-pin JST SM Plug Receptacle Cable Set

1663 Datasheet (HTML) - Adafruit Industries


1663 Product details

o JST SM plug + receptacle connector: JST SM connector datasheet
o Length: 163mm / 6.4"
o Weight (female / male): 2.6g / 2.8g




Similar Part No. - 1663

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1663 ETC2-1663 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
3M Electronics
1663 3M-1663 Datasheet
96Kb / 2P
3M횚 Medical Specialties
logo
Heyco.
1663 HEYCO-1663 Datasheet
117Kb / 1P
Thin Panel Dome Plugs
1663 HEYCO-1663 Datasheet
112Kb / 1P
Shorty Plugs
logo
Keystone Electronics Co...
1663 KEYSTONE-1663 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results


Similar Description - 1663

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6869-180 POMONA-6869-180 Datasheet
90Kb / 1P
XLR Plug / Jack (3-pin) Cable 15 feet, 25 feet
logo
OptoSupply Internationa...
AC8221020 OPTOSUPPLY-AC8221020 Datasheet
580Kb / 1P
JST compatible female socket to 4-pin socket cable wire
AC8521020 OPTOSUPPLY-AC8521020 Datasheet
586Kb / 1P
JST compatible female socket to DC plug cable wire.
logo
List of Unclassifed Man...
426050300-3 ETC2-426050300-3 Datasheet
10Kb / 2P
CABLE: CABLE-JST XHP 5WAY, 300mm
logo
SparkFun Electronics
PRT-14707 SPARKFUN-PRT-14707 Datasheet
74Kb / 1P
JST-PH Male to JST-SM Female Adapter
8????8
PRT-14708 SPARKFUN-PRT-14708 Datasheet
200Kb / 1P
JST PH Female to JST SM Male Adapter
8-6-18
PRT-14998 SPARKFUN-PRT-14998 Datasheet
82Kb / 1P
JST-PH Male to JST-SM Male Adapter - 100mm
11????8
PRT-14999 SPARKFUN-PRT-14999 Datasheet
106Kb / 2P
JST-PH Female to JST-SM Female Adapter - 100mm
11????8
logo
PHOENIX CONTACT
1605852 PHOENIX-1605852 Datasheet
62Kb / 3P
Cable plug-in connector - SM-7ES1N8A8003
22.04.2013
logo
SparkFun Electronics
TOL-08734 SPARKFUN-TOL-08734 Datasheet
91Kb / 1P
Barrel Jack to 2-pin JST
11/16/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com