Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 1663
Description  3-pin JST SM Plug Receptacle Cable Set
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1663 Datasheet(HTML) 1 Page - Adafruit Industries

  1663 Datasheet HTML 1Page - Adafruit Industries 1663 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-pin JST SM Plug + Receptacle Cable Set
PRODUCT ID: 1663
Description
These 3-wire cables are 163mm (6.4") long and come as a set. One cable has a JST SM type connector plug
on the end. The other cable has a matching JST SM type receptacle connector. They are good for whenever
you have 3 wires you want to be able to plug and unplug. We like the solid and compact nature of these
connectors and the latch that keeps the cable from coming apart easily. For more information, check the
JST SM connector datasheet
Each order receives one of each connector. Wires are 22 American wire gauge.


Similar Part No. - 1663

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1663 ETC2-1663 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
3M Electronics
1663 3M-1663 Datasheet
96Kb / 2P
3M횚 Medical Specialties
logo
Heyco.
1663 HEYCO-1663 Datasheet
117Kb / 1P
Thin Panel Dome Plugs
1663 HEYCO-1663 Datasheet
112Kb / 1P
Shorty Plugs
logo
Keystone Electronics Co...
1663 KEYSTONE-1663 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 1663

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6869-180 POMONA-6869-180 Datasheet
90Kb / 1P
XLR Plug / Jack (3-pin) Cable 15 feet, 25 feet
logo
OptoSupply Internationa...
AC8221020 OPTOSUPPLY-AC8221020 Datasheet
580Kb / 1P
JST compatible female socket to 4-pin socket cable wire
AC8521020 OPTOSUPPLY-AC8521020 Datasheet
586Kb / 1P
JST compatible female socket to DC plug cable wire.
logo
List of Unclassifed Man...
426050300-3 ETC2-426050300-3 Datasheet
10Kb / 2P
CABLE: CABLE-JST XHP 5WAY, 300mm
logo
SparkFun Electronics
PRT-14707 SPARKFUN-PRT-14707 Datasheet
74Kb / 1P
JST-PH Male to JST-SM Female Adapter
8????8
PRT-14708 SPARKFUN-PRT-14708 Datasheet
200Kb / 1P
JST PH Female to JST SM Male Adapter
8-6-18
PRT-14998 SPARKFUN-PRT-14998 Datasheet
82Kb / 1P
JST-PH Male to JST-SM Male Adapter - 100mm
11????8
PRT-14999 SPARKFUN-PRT-14999 Datasheet
106Kb / 2P
JST-PH Female to JST-SM Female Adapter - 100mm
11????8
logo
PHOENIX CONTACT
1605852 PHOENIX-1605852 Datasheet
62Kb / 3P
Cable plug-in connector - SM-7ES1N8A8003
22.04.2013
logo
SparkFun Electronics
TOL-08734 SPARKFUN-TOL-08734 Datasheet
91Kb / 1P
Barrel Jack to 2-pin JST
11/16/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com