Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1863 Datasheet (PDF) - Adafruit Industries

1863 Datasheet PDF - Adafruit Industries
Part # 1863
Download  1863 Download
File Size   111.5 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Switched JST-PH 2-Pin SMT Right Angle Breakout Board

1863 Datasheet (PDF)

Go To PDF Page Download Datasheet
1863 Datasheet PDF - Adafruit Industries

Part # 1863
Download  1863 Click to download

File Size   111.5 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Switched JST-PH 2-Pin SMT Right Angle Breakout Board

1863 Datasheet (HTML) - Adafruit Industries


1863 Product details

21mm x 10mm x 2mm / 0.8" x 0.4" x 0.08"
Height with JST: 7.3mm
Weight: 1g




Similar Part No. - 1863

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1863 MACOM-1863 Datasheet
53Kb / 1P
Farnell Technical Data Services
logo
Heyco.
1863 HEYCO-1863 Datasheet
141Kb / 1P
Aluminum Solderless Connectors
logo
Bud Industries, Inc.
1863-AB BUD-1863-AB Datasheet
90Kb / 1P
ADAPTER BRACKET
logo
Atom Lighting
18630 ATOM-18630 Datasheet
566Kb / 2P
AT9452
31st of January 2025 06:01:46
logo
PHOENIX CONTACT
1863000 PHOENIX-1863000 Datasheet
213Kb / 12P
Printed-circuit board connector - MCVW 1,5/ 2-STF-3,5
More results


Similar Description - 1863

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-TFT40 NEWHAVEN-NHD-TFT40 Datasheet
661Kb / 6P
40-pin TFT Breakout
logo
SparkFun Electronics
PRT-14299 SPARKFUN-PRT-14299 Datasheet
78Kb / 1P
micro:bit Battery Holder - 2xAA (JST-PH)
6??0??7
PRT-14707 SPARKFUN-PRT-14707 Datasheet
74Kb / 1P
JST-PH Male to JST-SM Female Adapter
8????8
PRT-14708 SPARKFUN-PRT-14708 Datasheet
200Kb / 1P
JST PH Female to JST SM Male Adapter
8-6-18
PRT-14998 SPARKFUN-PRT-14998 Datasheet
82Kb / 1P
JST-PH Male to JST-SM Male Adapter - 100mm
11????8
PRT-14999 SPARKFUN-PRT-14999 Datasheet
106Kb / 2P
JST-PH Female to JST-SM Female Adapter - 100mm
11????8
PRT-15101 SPARKFUN-PRT-15101 Datasheet
115Kb / 2P
micro:bit Battery Holder - 2xAAA (JST-PH)
12??8??8
TOL-08734 SPARKFUN-TOL-08734 Datasheet
91Kb / 1P
Barrel Jack to 2-pin JST
11/16/2015
logo
Lattice Semiconductor
LCMXO3D-9400HC-5BG256C LATTICE-LCMXO3D-9400HC-5BG256C Datasheet
2Mb / 3P
MachXO3D Breakout Board
logo
RAKwireless Technology ...
RAK3272S RAK-RAK3272S Datasheet
435Kb / 7P
RAK3272S Breakout Board
6/2/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com