Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1901 Datasheet (PDF) - Adafruit Industries

1901 Datasheet PDF - Adafruit Industries
Part # 1901
Download  1901 Download
File Size   175.53 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Universal Qi Wireless Receiver Module

1901 Datasheet (PDF)

Go To PDF Page Download Datasheet
1901 Datasheet PDF - Adafruit Industries

Part # 1901
Download  1901 Click to download

File Size   175.53 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Universal Qi Wireless Receiver Module

1901 Datasheet (HTML) - Adafruit Industries


1901 Product details

Output Voltage: 4.8V - 5.2V
Current: 500mA
Operating Temperature: -40ºC ~ 40ºC




Similar Part No. - 1901

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
1901 GREENLEE-1901 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Kendall Howard
1901-1-000-01 KENDALLHOWARD-1901-1-000-01 Datasheet
63Kb / 1P
1U D-RING CABLE MANAGEMENT KIT
1901-1-001-01 KENDALLHOWARD-1901-1-001-01 Datasheet
68Kb / 1P
1U FLANGED SPACER BLANK ASSY
1901-1-004-04 KENDALLHOWARD-1901-1-004-04 Datasheet
70Kb / 1P
4U FLANGED SPACER BLANK ASSY
1901-1-006-06 KENDALLHOWARD-1901-1-006-06 Datasheet
73Kb / 1P
6U FLANGED SPACER BLANK ASSY
More results


Similar Description - 1901

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
Qi Compliant Wireless Power Receiver Controller IC
logo
Texas Instruments
BQ51013B TI1-BQ51013B_15 Datasheet
3Mb / 47P
Highly Integrated Wireless Receiver Qi Compliant Power Supply
BQ51050B TI1-BQ51050B_16 Datasheet
1Mb / 43P
High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
logo
Texas Instruments
BQ51013A TI1-BQ51013A_17 Datasheet
3Mb / 45P
INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
QI Compliant Wireless Power Receiver Module
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com