Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2098 Datasheet (PDF) - Adafruit Industries

2098 Datasheet PDF - Adafruit Industries
Part # 2098
Download  2098 Download
File Size   75.99 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 40-pin FPC Extension Board 200mm Cable

2098 Datasheet (PDF)

Go To PDF Page Download Datasheet
2098 Datasheet PDF - Adafruit Industries

Part # 2098
Download  2098 Click to download

File Size   75.99 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 40-pin FPC Extension Board 200mm Cable

2098 Datasheet (HTML) - Adafruit Industries


2098 Product details

o 18mm x 34mm x 4mm / 0.7" x 1.3" x 0.2"
o Cable Length: 200mm / 7.9"
o Board Thickness: 1.5mm / 0.06"
o Weight: 2.7g




Similar Part No. - 2098

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2098 POMONA-2098 Datasheet
27Kb / 2P
Phenolic Box Component Mounting Banana Jack To Double Plug
logo
List of Unclassifed Man...
2098 ETC2-2098 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2098 ETC2-2098 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Ashcroft, Inc.
2098 ASHCROFT-2098 Datasheet
546Kb / 3P
2198 MicroTube™ and 2098 Mini-MicroTube™ Siphons
RevB_09-26-23
logo
Belden Inc.
2098 BELDEN-2098 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
More results


Similar Description - 2098

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
702-3700 CAMBION-702-3700 Datasheet
29Kb / 1P
Component Mounting Board, 40 pin
logo
Assmann Electronics Inc...
AK230-2-R ASSMANN-AK230-2-R Datasheet
113Kb / 1P
Extension Cable for 9 Pin InterfacE
AK404-2-R ASSMANN-AK404-2-R Datasheet
96Kb / 1P
Extension Cable for 25 Pin Interface
AK405-5-R ASSMANN-AK405-5-R Datasheet
96Kb / 1P
Extension Cable for 25 Pin Interface
AK526-3-R ASSMANN-AK526-3-R Datasheet
96Kb / 1P
Extension Cable for 25 Pin Interface
AK138-2-R ASSMANN-AK138-2-R Datasheet
261Kb / 1P
SERIAL EXTENSION CABLE FOR 36-PIN INTERFACE
logo
M-System Co.,Ltd.
MCN201 MSYSTEM-MCN201 Datasheet
100Kb / 3P
CABLE (40-pin to 20-pin)
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
UDB-CABLE-2M PF-UDB-CABLE-2M Datasheet
464Kb / 1P
Extension cable
logo
SparkFun Electronics
CAB-14991 SPARKFUN-CAB-14991 Datasheet
104Kb / 2P
Cable - 5 Pin 1mm Pitch - 200mm
12??0??8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com