Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2162 Datasheet (PDF) - Adafruit Industries

2162 Datasheet PDF - Adafruit Industries
Part # 2162
Download  2162 Download
File Size   77.67 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Universal Qi Wireless Charging Transmitter

2162 Datasheet (PDF)

Go To PDF Page Download Datasheet
2162 Datasheet PDF - Adafruit Industries

Part # 2162
Download  2162 Click to download

File Size   77.67 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Universal Qi Wireless Charging Transmitter

2162 Datasheet (HTML) - Adafruit Industries


2162 Product details

o Input: 5V
o Input Current: 2A
o Maximum output power of 5W
o Operating Frequency: 100-200kHz
o Charging Distance: 2-8mm
o Charging Plate Dimensions: 53mm x 53mm x 4mm / 2.1" x 2.1" x 0.2"
o PCB Dimensions w/ Components: 55mm x 37mm x 6mm / 2.2" x 1.5mm x 0.2"
o Weight: 47g




Similar Part No. - 2162

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2162 GILWAY-2162 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
Alpha Wire
2162 ALPHAWIRE-2162 Datasheet
107Kb / 3P
Customer Specification
9/14/2022
logo
Heyco.
2162 HEYCO-2162 Datasheet
105Kb / 1P
Universal Bushings
logo
Chicago Miniature Lamp,...
2162 CML-2162 Datasheet
147Kb / 1P
2990D Series Non-Relampable Incandescent Indicator Lights
logo
Alpha Wire
2162 ALPHAWIRE-2162 Datasheet
64Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
9/28/2004
More results


Similar Description - 2162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500210 TI1-BQ500210 Datasheet
608Kb / 23P
Qi Compliant Wireless Power Transmitter Manager
BQ500110 TI-BQ500110_11 Datasheet
642Kb / 25P
Qi Compliant Wireless Power Transmitter Manager
BQ500210_1108 TI-BQ500210_1108 Datasheet
783Kb / 25P
Qi Compliant Wireless Power Transmitter Manager
logo
Toshiba Semiconductor
TB6865AFG TOSHIBA-TB6865AFG Datasheet
1Mb / 32P
Qi compliant wireless power transmitter IC
logo
Texas Instruments
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
Qi Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9038 IDT-P9038 Datasheet
378Kb / 18P
8W, Qi-compliant, Wireless Power Transmitter
logo
Semtech Corporation
TSDMTX-5V2-EVM SEMTECH-TSDMTX-5V2-EVM Datasheet
5Mb / 24P
Wireless Charging Transmitter
logo
Generalplus Technology ...
GPMQ8018A GENERALPLUS-GPMQ8018A Datasheet
1Mb / 32P
QI Compliant Wireless Power Transmitter Series
logo
Tripp Lite. All Rights ...
U280-Q02FL-BK TRIPPLITE-U280-Q02FL-BK Datasheet
171Kb / 3P
Dual Wireless Charging Pad, Qi-Certified, Black
logo
Vishay Siliconix
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1_V01 Datasheet
64Kb / 2P
Wireless Charging Transmitter Coil / Shield
05-Jul-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com