Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X76F640AG Datasheet (PDF) - IC MICROSYSTEMS

X76F640AG Datasheet PDF - IC MICROSYSTEMS
Part # X76F640AG
Download  X76F640AG Download
File Size   350.73 Kbytes
Page   17 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description Secure Serial Flash

X76F640AG Datasheet (PDF)

Go To PDF Page Download Datasheet
X76F640AG Datasheet PDF - IC MICROSYSTEMS

Part # X76F640AG
Download  X76F640AG Click to download

File Size   350.73 Kbytes
Page   17 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description Secure Serial Flash

X76F640AG Datasheet (HTML) - IC MICROSYSTEMS


X76F640AG Product details

DESCRIPTION
The X76F640 is a Password Access Security Supervisor, containing one 65536-bit Secure Serial Flash array and one 256-bit Secure Serial Flash array. Access to each memory array is controlled by two 64-bit passwords.
These passwords protect read and write operations of the memory array. A separate RESET password is used to reset the passwords and clear the memory arrays in the event the read and write passwords are lost.

FEATURES
• 64-bit Password Security
   — Five 64-bit Passwords for Read, Program and Reset
• 8192 Byte+32 Byte Password Protected Arrays
   — Seperate Read Passwords
   — Seperate Write Passwords
   — Reset Password
• Programmable Passwords
• Retry Counter Register
   — Allows 8 tries before clearing of both arrays
   — Password Protected Reset
• 32-bit Response to Reset (RST Input)
• 32 byte Sector Program
• 400kHz Clock Rate
• 2 wire Serial Interface
• Low Power CMOS
   — 2.7 to 5.5V operation
   — Standby current Less than 1µA
   — Active current less than 3 mA
• High Reliability Endurance:
    — 100,000 Write Cycles
• Data Retention: 100 years
• Available in:
   — 8 lead SOIC
   — SmartCard Module




Similar Part No. - X76F640AG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F640A XICOR-X76F640A Datasheet
94Kb / 17P
Secure SerialFlash
X76F640A-2.7 XICOR-X76F640A-2.7 Datasheet
94Kb / 17P
Secure SerialFlash
X76F640AE XICOR-X76F640AE Datasheet
94Kb / 17P
Secure SerialFlash
X76F640AE-2.7 XICOR-X76F640AE-2.7 Datasheet
94Kb / 17P
Secure SerialFlash
More results


Similar Description - X76F640AG

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
RF SECURE ACCESS Serial E2PROM
logo
IC MICROSYSTEMS
X76F200 ICMIC-X76F200 Datasheet
389Kb / 16P
Secure Serial Flash
X76F641 ICMIC-X76F641 Datasheet
153Kb / 17P
Secure Serial Flash
logo
Macronix International
MX25L3255DXCI-10G MCNIX-MX25L3255DXCI-10G Datasheet
2Mb / 53P
SECURE SERIAL FLASH SPECIFICATION
logo
ORing Industrial Networ...
IDS-4312 ORING-IDS-4312 Datasheet
270Kb / 5P
Industrial 1 secure serial port
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com