Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT35C704 Datasheet (PDF) - Catalyst Semiconductor

CAT35C704 Datasheet PDF - Catalyst Semiconductor
Part # CAT35C704
Download  CAT35C704 Download
File Size   84.51 Kbytes
Page   14 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 4K-Bit Secure Access Serial E2PROM

CAT35C704 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT35C704 Datasheet PDF - Catalyst Semiconductor

Part # CAT35C704
Download  CAT35C704 Click to download

File Size   84.51 Kbytes
Page   14 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 4K-Bit Secure Access Serial E2PROM

CAT35C704 Datasheet (HTML) - Catalyst Semiconductor


CAT35C704 Product details

DESCRIPTION
The CAT35C704 is a 4K-bit Serial E2PROM that safeguards stored data from unauthorized access by use of a user selectable (1 to 8 byte) access code and a movable memory pointer. Two operating modes provide unprotected and password-protected operation allowing the user to configure the device as anything from a ROM to a fully protected no-access memory. The CAT35C704 uses a unique serial-byte synchronous communication protocol and has a Sequential Read feature where data can be sequentially clocked out of the memory array. The device is available in 8-pin DIP or 16-pin SOIC packages.

FEATURES
■ Single 5V Supply
■ Password READ/WRITE Protection: 1 to 8 Bytes
■ Memory Pointer WRITE Protection
■ Sequential READ Operation
■ 256 x16 or 512 x 8 Selectable Serial Memory
■ High Speed Synchronous Protocol
■ Commercial, Industrial and Automotive Temperature Ranges
■ Operating Frequency: DC–3MHz
■ Low Power Consumption:
    –Active: 3 mA
    –Standby: 250 µA
■ 100,000 Program/Erase Cycles
■ 100 Year Data Retention




Similar Part No. - CAT35C704

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT35C102 CATALYST-CAT35C102 Datasheet
424Kb / 7P
2K-Bit SERIAL E2PROM
CAT35C102I CATALYST-CAT35C102I Datasheet
424Kb / 7P
2K-Bit SERIAL E2PROM
CAT35C102P CATALYST-CAT35C102P Datasheet
424Kb / 7P
2K-Bit SERIAL E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
4K-Bit SERIAL E2PROM
CAT35C104I CATALYST-CAT35C104I Datasheet
423Kb / 7P
4K-Bit SERIAL E2PROM
More results


Similar Description - CAT35C704

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
2K/4K/8K/16K-Bit Serial E2PROM
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
1K/2K/4K-Bit SPI Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
4K-Bit SERIAL E2PROM
CAT35C204 CATALYST-CAT35C204 Datasheet
359Kb / 7P
4K-Bit SERIAL E2PROM
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
RF SECURE ACCESS Serial E2PROM
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com