Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOA67K Datasheet (PDF) - OSRAM GmbH

LOA67K Datasheet PDF - OSRAM GmbH
Part # LOA67K
Download  LOA67K Download
File Size   425.51 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Lead (Pb) Free Product - RoHS Compliant

LOA67K Datasheet (PDF)

Go To PDF Page Download Datasheet
LOA67K Datasheet PDF - OSRAM GmbH

Part # LOA67K
Download  LOA67K Click to download

File Size   425.51 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Lead (Pb) Free Product - RoHS Compliant

LOA67K Datasheet (HTML) - OSRAM GmbH


LOA67K Product details

Features
• package: white SMT package, colorless clear resin
• feature of the device: radiation direction parallel to PCB, so an ideal LED for coupling in light guides
• wavelength: 630 nm (super-red), 606 nm (orange), 587 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP
• optical efficiency: 6 lm/W (yellow) 5 lm/W (super-red), 9 lm/W (orange)
• grouping parameter: luminous intensity, wavelength
• assembly methods: suitable for all SMT assembly methods
• soldering methods: IR reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 12 mm tape with 2000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-B

Applications
• optical indicators
• coupling into light guides
• backlighting (LCD, cellular phones, switches, keys, displays, illuminated advertising)
• interior automotive lighting (e.g. dashboard backlighting)
• marker lights
• signal and symbol luminaire




Similar Part No. - LOA67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOA67K OSRAM-LOA67K Datasheet
471Kb / 19P
Coupling into light guides
logo
ams AG
LOA67K AMSCO-LOA67K Datasheet
1Mb / 23P
SIDELED® Ambient Lighting
Version 1.6 2022-09-01
LOA67K-K1M2-24 AMSCO-LOA67K-K1M2-24 Datasheet
1Mb / 23P
SIDELED® Ambient Lighting
Version 1.6 2022-09-01
More results


Similar Description - LOA67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com