Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA6418EYFPR Datasheet (PDF) - Texas Instruments

TCA6418EYFPR Datasheet PDF - Texas Instruments
Part # TCA6418EYFPR
Download  TCA6418EYFPR Download
File Size   504.46 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description I2C CONTROLLED 18 CHANNEL GPIO EXPANDER

TCA6418EYFPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA6418EYFPR Datasheet PDF - Texas Instruments

Part # TCA6418EYFPR
Download  TCA6418EYFPR Click to download

File Size   504.46 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description I2C CONTROLLED 18 CHANNEL GPIO EXPANDER

TCA6418EYFPR Datasheet (HTML) - Texas Instruments


TCA6418EYFPR Product details

1FEATURES
• Operating Power-Supply Voltage Range of
1.65 V to 3.6 V
• 18 GPIOs Configurable as Inputs or Outputs
• ESD Protection Exceeds JESD 22 on Non-
GPIO Pins
– 2000-V Human Body Model (A114-A)
– 1000-V Charged Device Model (C101)
• Low Standby (Idle) Current Consumption: 3 μA
• Supports 1-MHz Fast Mode Plus I2C Bus
• Open-Drain Active-Low Interrupt Output,
Asserted When Key is Pressed or Key is
Released
• Selectable Debounce Time of 50 μs
• Schmitt-Trigger Action Allows Slow Input
Transition and Better Switching Noise
Immunity at the SCL and SDA Inputs: Typical
Vhys at 1.8 V is 0.18 V
• Latch-Up Performance Exceeds 200 mA Per
JESD 78, Class II
• Very Small Package
– WCSP (YFP): 2 mm × 2 mm; 0.4 mm pitch

APPLICATIONS
• Smart Phones
• PDAs
• GPS Devices
• MP3 Players
• Digital Cameras

DESCRIPTION/ORDERING INFORMATION
The TCA6418E is a 18 channel GPIO expansion device with integrated ESD protection. It can operate from 1.65
V to 3.6 V and has 18 general purpose inputs/outputs (GPIO) that can be used via the I2C interface [serial clock
(SCL), serial data (SDA)].
The major benefit of this device is it frees up the processor from having to individually monitor changes in
multiple inputs and also frees up the GPIOs on the processor to drive other outputs.. This provides power and
bandwidth savings. The TCA6418E is also ideal for usage with processors that have limited GPIOs.




Similar Part No. - TCA6418EYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6418EYFPR TI1-TCA6418EYFPR Datasheet
796Kb / 29P
I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
TCA6418EYFPR TI1-TCA6418EYFPR Datasheet
853Kb / 30P
I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
More results


Similar Description - TCA6418EYFPR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1850MUV ROHM-BU1850MUV Datasheet
414Kb / 18P
GPIO Expander IC
logo
Texas Instruments
TCA6418EYFPR TI1-TCA6418EYFPR Datasheet
796Kb / 29P
I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
8-BIT I2C/SMBUS GPIO EXPANDER
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
16-BIT I2C/SMBUS GPIO EXPANDER
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1203 EXAR-XRA1203 Datasheet
472Kb / 17P
16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
8-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
16-BIT I2C/SMBUS GPIO EXPANDER
logo
Texas Instruments
TCA6418E TI1-TCA6418E Datasheet
853Kb / 30P
I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com