Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA6418EYFPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TCA6418EYFPR
Description  I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA6418EYFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCA6418EYFPR Datasheet HTML 3Page - Texas Instruments TCA6418EYFPR Datasheet HTML 4Page - Texas Instruments TCA6418EYFPR Datasheet HTML 5Page - Texas Instruments TCA6418EYFPR Datasheet HTML 6Page - Texas Instruments TCA6418EYFPR Datasheet HTML 7Page - Texas Instruments TCA6418EYFPR Datasheet HTML 8Page - Texas Instruments TCA6418EYFPR Datasheet HTML 9Page - Texas Instruments TCA6418EYFPR Datasheet HTML 10Page - Texas Instruments TCA6418EYFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Keypad
Control
Control
Registers
and FIFO
Oscillator
(32 kHz)
Power-On
Reset
SDA
SCL
I C Bus
Control
2
RESET
INT
Interrupt
Control
VCC
ROW0 COL9
–
TCA6418E
www.ti.com
SCPS243 – SEPTEMBER 2012
SWITCHING CHARACTERISTICS
STANDARD MODE,
FAST MODE, FAST
MODE PLUS (FM+)
PARAMETER
FROM
TO
UNIT
I2C BUS
MIN
MAX
GPI_INT with
40
120
Debounce Enabled
tIV
Interrupt valid time
GPIO0-17
INT
μs
GPI_INT with
0
1
Debounce Disabled
tIR
Interrupt reset delay time
SCL
INT
1
μs
tPV
Output data valid
SCL
GPIO0-17
400
ns
tPS
Input data setup time
GPIO
SCL
0
ns
Debounce Disabled
tPH
Input data hold time
GPIO
SCL
300
ns
LOGIC DIAGRAM (POSITIVE LOGIC)
At power on, the GPIOs are configured as inputs with internal 50-k
Ω pulldown resistors enabled; however, the
system master can enable the GPIOs to function as inputs or outputs.
The system master can reset the TCA6418E in the event of a timeout or other improper operation by asserting a
low in the RESET input, while keeping the VCC at its operating level.
A reset can be accomplished by holding the RESET pin low for a minimum of tW. The TCA6418E registers and
I2C/SMBus state machine are changed to their default state once RESET is low (0). When RESET is high (1),
the I/O levels at the P port can be changed externally or through the master. This input requires a pullup resistor
to VCC, if no active connection is used.
The power-on reset puts the registers in their default state and initializes the I2C/SMBus state machine. The
RESET pin causes the same reset/initialization to occur without de-powering the part.
The open-drain interrupt (INT) output is used to indicate to the system master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on this line, the
remote input can inform the microcontroller if there is incoming data on its ports without having to communicate
via the I2C bus. Thus, the TCA6418E can remain a simple slave device.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TCA6418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com