Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA6418EYFPR Datasheet(PDF) 21 Page - Texas Instruments

Part # TCA6418EYFPR
Description  I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA6418EYFPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCA6418EYFPR Datasheet HTML 17Page - Texas Instruments TCA6418EYFPR Datasheet HTML 18Page - Texas Instruments TCA6418EYFPR Datasheet HTML 19Page - Texas Instruments TCA6418EYFPR Datasheet HTML 20Page - Texas Instruments TCA6418EYFPR Datasheet HTML 21Page - Texas Instruments TCA6418EYFPR Datasheet HTML 22Page - Texas Instruments TCA6418EYFPR Datasheet HTML 23Page - Texas Instruments TCA6418EYFPR Datasheet HTML 24Page - Texas Instruments TCA6418EYFPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
SDA LOADCONFIGURATION
VCCI
R =1k
L
W
C =50pF
(seeNote A)
L
DUT
SDA
TwoBytesforREADInputPortRegister
(seeFigure9)
VOLTAGEWAVEFORMS
1
2
BYTE
DESCRIPTION
I Caddress
2
Inputregisterportdata
SCL
SDA
Stop
Condition
(P)
Start
Condition
(S)
Address
Bit7
(MSB)
Address
Bit1
R/
Bit0
(LSB)
W
ACK
(A)
Data
Bit7
(MSB)
Data
Bit0
(LSB)
Stop
Condition
(P)
0.7 ´ VCCI
0.3 ´ VCCI
RepeatStart
Condition
Stop
Condition
0.7 ´ VCCI
0.3 ´ VCCI
tscl
tsch
tsp
ticf
ticf
ticr
tsth
ticr
tsds
tsdh
tocf
tvd(ack)
tvd
tvd
tsts
tsps
tbuf
TCA6418E
www.ti.com
SCPS243 – SEPTEMBER 2012
PARAMETER MEASUREMENT INFORMATION
A.
CL includes probe and jig capacitance. tocf is measured with CL of 10 pF or 400 pF.
B.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C.
All parameters and waveforms are not applicable to all devices.
Figure 12. I2C Interface Load Circuit and Voltage Waveforms
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TCA6418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com