Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA6418EYFPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TCA6418EYFPR
Description  I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA6418EYFPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TCA6418EYFPR Datasheet HTML 18Page - Texas Instruments TCA6418EYFPR Datasheet HTML 19Page - Texas Instruments TCA6418EYFPR Datasheet HTML 20Page - Texas Instruments TCA6418EYFPR Datasheet HTML 21Page - Texas Instruments TCA6418EYFPR Datasheet HTML 22Page - Texas Instruments TCA6418EYFPR Datasheet HTML 23Page - Texas Instruments TCA6418EYFPR Datasheet HTML 24Page - Texas Instruments TCA6418EYFPR Datasheet HTML 25Page - Texas Instruments TCA6418EYFPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
A
A
A
A
S
0
1
0
0
0
0
AD
DR
1
Data1
1
P
Data2
Start
Condition
8Bits
(OneDataByte)
FromPort
DataFromPort
Slave Address
R/W
8
7
6
5
4
3
2
1
Address
Data1
Data2
INT
B
B
A
A
Pn
INT
R/W
A
INT
SCL
ViewB−B
View A−A
ACK
FromSlave
ACK
FromSlave
INTERRUPTLOADCONFIGURATION
VCCI
R =4.7k
L
W
C =100pF
(seeNote A)
L
DUT
INT
0.7
V
´
CCI
0.3
V
´
CCI
0.5
V
´
CCI
0.5
V
´
CCI
0.5
V
´
CCP
tsps
tir
tir
tiv
tiv
tir
Data
Into
Port
TCA6418E
SCPS243 – SEPTEMBER 2012
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
A.
CL includes probe and jig capacitance.
B.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C.
All parameters and waveforms are not applicable to all devices.
Figure 13. Interrupt Load Circuit and Voltage Waveforms
22
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TCA6418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com