Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4041 Datasheet (PDF) - Texas Instruments

THS4041 Datasheet PDF - Texas Instruments
Part # THS4041
Download  THS4041 Download
File Size   683.46 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 165-MHz C-STABLE HIGH-SPEED AMPLIFIER

THS4041 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS4041 Datasheet PDF - Texas Instruments

Part # THS4041
Download  THS4041 Click to download

File Size   683.46 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 165-MHz C-STABLE HIGH-SPEED AMPLIFIER

THS4041 Datasheet (HTML) - Texas Instruments


THS4041 Product details

Qualified for Automotive Applications
C-Stable Amplifier Drives Any Capacitive
Load
High Speed
− 165 MHz Bandwidth (−3 dB); CL = 0 pF
− 100 MHz Bandwidth (−3 dB); CL = 100 pF
− 35 MHz Bandwidth (−3 dB); CL = 1000 pF
− 400 V/μs Slew Rate
Unity Gain Stable
High Output Drive, IO = 100 mA (typ)
Low Distortion
− THD = −75 dBc (f = 1 MHz, RL = 150 Ω)
− THD = −89 dBc (f = 1 MHz, RL = 1 kΩ)
Wide Range of Power Supplies
− VCC = ±5 V to ±15 V
Evaluation Module Available

description/ordering information
The THS4041 is a single, high-speed voltage
feedback amplifier capable of driving any capacitive
load. This makes it ideal for a wide range of
applications including driving video lines or buffering
ADCs. The device features high 165-MHz bandwidth
and 400-V/μs slew rate. The THS4041 is stable at all
gains for both inverting and noninverting configurations. For video applications, the THS4041 offers excellent
video performance with 0.01% differential gain error and 0.01° differential phase error. This amplifier can drive
up to 100 mA into a 20-Ω load and operate off power supplies ranging from ±5 V to ±15 V.




Similar Part No. - THS4041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4041 TI-THS4041 Datasheet
479Kb / 28P
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4041 TI2-THS4041 Datasheet
1Mb / 36P
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
REVISED FEBRUARY 2000
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4041-Q1 TI2-THS4041-Q1 Datasheet
1Mb / 36P
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
REVISED FEBRUARY 2000
More results


Similar Description - THS4041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4001 TI-THS4001 Datasheet
239Kb / 16P
270-MHz HIGH-SPEED AMPLIFIER
THS4041 TI-THS4041 Datasheet
479Kb / 28P
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
logo
Elantec Semiconductor
EL2424 ELANTEC-EL2424 Datasheet
692Kb / 9P
Quad 60 MHz High Speed Operational Amplifier
logo
Analog Devices
ADV7513 AD-ADV7513 Datasheet
207Kb / 12P
165 MHz, High Performance
REV. 0
logo
Texas Instruments
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4001CDR TI1-THS4001CDR Datasheet
662Kb / 20P
270-MHz HIGH-SPEED AMPLIFIER
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4042 NSC-THS4042 Datasheet
1Mb / 34P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4042 TI1-THS4042 Datasheet
1Mb / 33P
165MHZ C-STABLE HIGH SPEED AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com