Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4041 Datasheet (PDF) - Texas Instruments

THS4041 Datasheet PDF - Texas Instruments
Part # THS4041
Download  THS4041 Download
File Size   1383.84 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 165-MHz C-STABLE HIGH-SPEED AMPLIFIERS

THS4041 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS4041 Datasheet PDF - Texas Instruments

Part # THS4041
Download  THS4041 Click to download

File Size   1383.84 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 165-MHz C-STABLE HIGH-SPEED AMPLIFIERS

THS4041 Datasheet (HTML) - Texas Instruments


THS4041 Product details

C-Stable Amplifiers Drive Any Capacitive
Load
High Speed
− 165 MHz Bandwidth (−3 dB); CL = 0 pF
− 100 MHz Bandwidth (−3 dB); CL = 100 pF
− 35 MHz Bandwidth (−3 dB); CL = 1000 pF
− 400 V/μs Slew Rate
Unity Gain Stable
High Output Drive, IO = 100 mA (typ)
Very Low Distortion
− THD = −75 dBc (f = 1 MHz, RL = 150 Ω)
− THD = −89 dBc (f = 1 MHz, RL = 1 kΩ)
Wide Range of Power Supplies
− VCC = ±5 V to ±15 V
Available in Standard SOIC or MSOP
PowerPAD Package
Evaluation Module Available

description
The THS4041 and THS4042 are single/dual,
high-speed voltage feedback amplifiers capable
of driving any capacitive load. This makes them
ideal for a wide range of applications including
driving video lines or buffering ADCs. The devices
feature high 165-MHz bandwidth and 400-V/μsec
slew rate. The THS4041/2 are stable at all gains
for both inverting and noninverting configurations.
For video applications, the THS4041/2 offer
excellent video performance with 0.01% differential
gain error and 0.01° differential phase error.
These amplifiers can drive up to 100 mA into a
20-Ω load and operate off power supplies ranging
from ±5V to ±15V.




Similar Part No. - THS4041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4041 TI-THS4041 Datasheet
479Kb / 28P
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4041 TI2-THS4041 Datasheet
683Kb / 27P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
REVISED JUNE 2008
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4041-Q1 TI2-THS4041-Q1 Datasheet
683Kb / 27P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
REVISED JUNE 2008
More results


Similar Description - THS4041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4041 TI-THS4041 Datasheet
479Kb / 28P
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
180-MHz HIGH-SPEED AMPLIFIERS
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4042 NSC-THS4042 Datasheet
1Mb / 34P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
70 MHz High Speed AMPLIFIERS
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4042 TI1-THS4042 Datasheet
1Mb / 33P
165MHZ C-STABLE HIGH SPEED AMPLIFIERS
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
180-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
70-MHz HIGH-SPEED AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com