Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6002 Datasheet (PDF) - Texas Instruments

THS6002 Datasheet PDF - Texas Instruments
Part # THS6002
Download  THS6002 Download
File Size   710.68 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 500-mA DUAL DIFFERENTIAL LINE DRIVER

THS6002 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS6002 Datasheet PDF - Texas Instruments

Part # THS6002
Download  THS6002 Click to download

File Size   710.68 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 500-mA DUAL DIFFERENTIAL LINE DRIVER

THS6002 Datasheet (HTML) - Texas Instruments


THS6002 Product details

1FEATURES
2• ADSL Differential Line Driver
• 400 mA Minimum Output Current Into 25-Ω
Load
• High Speed
– 140 MHz Bandwidth (-3dB) With 25-Ω Load
– 315 MHz Bandwidth (-3dB) With 100-Ω Load
– 1300 V/μs Slew Rate, G = 5
• Low Distortion
– -72 dB 3rd Order Harmonic Distortion at
f = 1 MHz, 25-Ω Load, and 20 VPP
• Independent Power Supplies for Low
Crosstalk
• Wide Supply Range ±4.5 V to ±16 V
• Thermal Shutdown and Short Circuit
Protection
• Improved Replacement for AD815
• Evaluation Module Available

DESCRIPTION
The THS6012 contains two high-speed drivers
capable of providing 400 mA output current (min) into
a 25 Ω load. These drivers can be configured
differentially to drive a 50-VPP output signal over lowimpedance
lines. The drivers are current feedback
amplifiers, designed for the high slew rates necessary
to support low total harmonic distortion (THD) in
xDSL applications. The THS6012 is ideally suited for
asymmetrical digital subscriber line (ADSL)
applications at the central office, where it supports
the high-peak voltage and current requirements of
this application.
Separate power supply connections for each driver
are provided to minimize crosstalk. The THS6012 is
available in the small surface-mount, thermally
enhanced 20-pin PowerPAD™ package.




Similar Part No. - THS6002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 44P
250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 37P
500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 46P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Similar Description - THS6002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI-THS6012 Datasheet
604Kb / 35P
500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI-THS6022 Datasheet
646Kb / 38P
250-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD816 AD-AD816 Datasheet
413Kb / 16P
500 mA Differential Driver and Dual Low Noise VF Amplifiers
REV.B
logo
Texas Instruments
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
DUAL DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD816 AD-AD816_15 Datasheet
839Kb / 16P
500 mA Differential Driver and Dual Low Noise (VF) Amplifiers
REV. B
logo
Texas Instruments
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
500-mA DUAL DIFFERENTIAL LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com