Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD816 Datasheet (PDF) - Analog Devices

AD816 Datasheet PDF - Analog Devices
Part # AD816
Download  AD816 Download
File Size   413.57 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 mA Differential Driver and Dual Low Noise VF Amplifiers

AD816 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD816 Datasheet PDF - Analog Devices

Part # AD816
Download  AD816 Click to download

File Size   413.57 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 mA Differential Driver and Dual Low Noise VF Amplifiers

AD816 Datasheet (HTML) - Analog Devices


AD816 Product details

PRODUCT DESCRIPTION
The AD816 consists of two high current drive and two low noise amplifiers. These can be configured differentially for driving low impedance loads and receiving signals over twisted pair cable or could be used independently for single ended driving application such as correction circuits within high resolution CRT Monitors.
The two high output drive amplifiers are capable of supplying a minimum of 500 mA continuous output current and up to 1A peak output current, and when configured differentially, 40 V p-p differential output swing can be achieved on ±15 V supplies into a load of 50 Ω. The drivers have 120 MHz of bandwidth and 1,500 V/µs of differential slew rate while featuring total harmonic distortion of –68 dB at 1 MHz into a 100 Ω load, specifications required for high frequency telecommunication subscriber line drivers.
The low noise voltage feedback amplifiers are fully independent and can be configured differentially for use as receiver amplifiers within a subscriber line hybrid interface or individually for signal conditioning or filtering. The low noise of 4 nV/√Hz and distortion of –68 dB at 1 MHz enable low level signals to be resolved and amplified in the presence of large common-mode voltages. 100 MHz of bandwidth and 180 V/µs of slew rate combined with a load drive capability of 70 mA enable these amplifiers to drive passive filters and low inductance coils. The AD816 has thermal overload protection for system reliability and is available in low thermal resistance power packages. The AD816 operates over the industrial temperature range (–40°C to +85°C).

FEATURES
Flexible Configuration
   Two Low Noise Voltage Feedback Amplifiers with
      High Current Drive, Ideal for ADSL Receivers or
      Drivers for Low Impedance Loads such as CRT Coils
   Two High Current Drive Amplifiers, Ideal for an ADSL
      Differential Driver or Single Ended Drivers for Low
      Impedance Loads such as CRT Coils
Thermal Overload Protection

CURRENT FEEDBACK AMPLIFIERS/DRIVERS
High Output Drive
   26 dBm Differential Line Drive for ADSL Transmitters
   40 V p-p Differential Output Voltage, RL = 50 V @ 1 MHz
   500 mA Continuous Current, RL = 5 V
   1 A Peak Current, 1% Duty Cycle, RL = 15 V for DMT
Low Distortion
   –68 dB @ 1 MHz THD, RL = 100 V, VO = 40 V p-p
High Speed
   120 MHz Bandwidth (–3 dB)
   1500 V/ms Differential Slew Rate, VO = 10 V p-p, G = +5
   70 ns Settling Time to 0.1%
  
VOLTAGE FEEDBACK AMPLIFIERS/RECEIVERS
High Input Performance
   4 nV/√Hz Voltage Noise
   15 mV Max Input Offset Voltage
Low Distortion
   –68 dB @ 1 MHz THD, VO = 10 V p-p, RL = 200 V
High Speed
   100 MHz Bandwidth (–3 dB)
   180 V/ms Slew Rate
High Output Drive
   70 mA Output Current Drive
  
APPLICATIONS
  ADSL, VDSL and HDSL Line Interface Driver and Receiver
  CRT Convergence and Astigmatism Adjustment
  Coil and Transformer Drivers
  Composite Audio Amplifiers




Similar Part No. - AD816

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD816 ETC1-AD816 Datasheet
141Kb / 1P
SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Analog Devices
AD816 AD-AD816_15 Datasheet
839Kb / 16P
500 mA Differential Driver and Dual Low Noise (VF) Amplifiers
REV. B
More results


Similar Description - AD816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6012 TI-THS6012 Datasheet
604Kb / 35P
500-mA DUAL DIFFERENTIAL LINE DRIVER
logo
New Jersey Semi-Conduct...
2N2913 NJSEMI-2N2913 Datasheet
159Kb / 1P
DUAL NPN LOW LEVEL LOW NOISE DIFFERENTIAL AMPLIFIERS
2N2639 NJSEMI-2N2639 Datasheet
130Kb / 1P
DUAL NPN LOW LEVEL NOISE DIFFERENTIAL AMPLIFIERS
logo
NXP Semiconductors
PMEG3005CT.215 NXP-PMEG3005CT.215 Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
PMEG4005CT NXP-PMEG4005CT Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Analog Devices
AD816 AD-AD816_15 Datasheet
839Kb / 16P
500 mA Differential Driver and Dual Low Noise (VF) Amplifiers
REV. B
logo
NXP Semiconductors
PMEG2005CT PHILIPS-PMEG2005CT_15 Datasheet
353Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG3005CT PHILIPS-PMEG3005CT_15 Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Texas Instruments
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
500-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Nexperia B.V. All right...
PMEG3005CT NEXPERIA-PMEG3005CT Datasheet
453Kb / 15P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 20 September 2010
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com