Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD816 Datasheet(PDF) 3 Page - Analog Devices

Part # AD816
Description  500 mA Differential Driver and Dual Low Noise VF Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD816 Datasheet(HTML) 3 Page - Analog Devices

  AD816 Datasheet HTML 1Page - Analog Devices AD816 Datasheet HTML 2Page - Analog Devices AD816 Datasheet HTML 3Page - Analog Devices AD816 Datasheet HTML 4Page - Analog Devices AD816 Datasheet HTML 5Page - Analog Devices AD816 Datasheet HTML 6Page - Analog Devices AD816 Datasheet HTML 7Page - Analog Devices AD816 Datasheet HTML 8Page - Analog Devices AD816 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RECEIVER AMPLIFIERS
AD816A
Model
Conditions
VS
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Small Signal Bandwidth (–3 dB)
G = +2, RL = 100
Ω±15
100
MHz
G = +2, RL = 100 Ω± 5
80
MHz
Bandwidth (0.1 dB)
G = +2
±15
30
MHz
G = +2
±5
40
MHz
Slew Rate
VOUT = 4 V p-p
±15
180
V/
µs
Settling Time to 0.1%
VOUT = 10 V p-p Step, G = +2
±15
45
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
f = 1 MHz, RLOAD = 200 Ω± 15
–68
dBc
Input Voltage Noise
f = 10 kHz
±5, ± 15
4
nV/
√Hz
Current Noise
f = 10 kHz
±5, ± 15
2
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RLOAD = 150 Ω± 15
0.04
0.08
%
±5
0.05
0.1
%
Differential Phase Error
NTSC, G = +2, RLOAD = 150 Ω± 15
0.03
0.1
Degrees
±5
0.06
0.1
Degrees
DC PERFORMANCE
Input Offset Voltage
±5, ± 15
7.5
15
mV
TMIN to TMAX
15
mV
Offset Voltage Drift
20
µV/°C
Input Bias Current
±5, ± 15
5
7
µA
TMIN to TMAX
15
µA
Input Offset Current
±5, ± 15
0.5
2
µA
Offset Current Drift
1
nA/
°C
Open-Loop Gain
VOUT = ± 7.5 V, RLOAD = 150 Ω± 15
3
6
V/mV
TMIN to TMAX
±15
1
V/mV
INPUT CHARACTERISTICS
Input Resistance
300
k
Ω
Input Capacitance
1.5
pF
Input Common-Mode Voltage Range
±15
+13
+14.3
V
±15
–12
–13.4
V
±5
+3.8
+4.3
V
±5
–2.7
–3.4
V
Common-Mode Rejection Ratio
VCM =
±5 V
±15
82
110
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Single Ended, RLOAD = 150 Ω± 15
25.2
25.5
V p-p
TMIN to TMAX
±15
25.2
V p-p
Single Ended, RLOAD = 150 Ω± 5
6.2
6.4
V p-p
TMIN to TMAX
±5
6.0
V p-p
Output Current
RL = 150 Ω± 15
65
70
mA
Short Circuit Current
±15
105
mA
Specifications subject to change without notice.
(@ TA = +25 C, VS =
15 V dc, RF = 1 k
and RLOAD = 500
unless otherwise noted)
REV. B
–3–
COMMON CHARACTERISTICS
AD816A
Model
Conditions
VS
Min
Typ
Max
Units
MATCHING CHARACTERISTICS
Crosstalk:
Driver to Driver
f = 1 MHz, VIN = 200 mV rms, RLOAD = 100
Ω±15
–67
dB
Drivers to Receivers
f = 1 MHz, VIN = 200 mV rms, RLOAD = 100 Ω± 15
–64
dB
Receiver to Receiver
f = 1 MHz, VIN = 200 mV rms, RLOAD = 500
Ω±15
–81
dB
POWER SUPPLY
Operating Range
±5
±18
V
Quiescent Current
±15
46
56
mA
TMIN to TMAX
±15
59
mA
Driver Supply Rejection Ratio
TMIN to TMAX
±15, ±5
–49
–66
dB
Receiver Supply Rejection Ratio
TMIN to TMAX
±15, ±5
–69
–75
dB
Specifications subject to change without notice.
(@ TA = +25 C, VS =
15 V dc, RF = 1 k
and RLOAD = 50
(Driver), RLOAD = 500
(Receiver)
unless otherwise noted)
AD816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com