Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD816 Datasheet(PDF) 2 Page - Analog Devices

Part # AD816
Description  500 mA Differential Driver and Dual Low Noise VF Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD816 Datasheet(HTML) 2 Page - Analog Devices

  AD816 Datasheet HTML 1Page - Analog Devices AD816 Datasheet HTML 2Page - Analog Devices AD816 Datasheet HTML 3Page - Analog Devices AD816 Datasheet HTML 4Page - Analog Devices AD816 Datasheet HTML 5Page - Analog Devices AD816 Datasheet HTML 6Page - Analog Devices AD816 Datasheet HTML 7Page - Analog Devices AD816 Datasheet HTML 8Page - Analog Devices AD816 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD816–SPECIFICATIONS
DRIVER AMPLIFIERS
AD816A
Model
Conditions
VS
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Small Signal Bandwidth (–3 dB)
G = +2, RF = 499 Ω, VIN = 0.125 V rms,
RL = 100 Ω± 15
100
120
MHz
G = +2, RF = 499 Ω, VIN = 0.125 V rms,
RL = 100 Ω± 5
90
110
MHz
Bandwidth (0.1 dB)
G = +2, RF = 499 Ω, VIN = 0.125 V rms,
RL = 100 Ω± 15
10
MHz
Differential Slew Rate
VOUT = 10 V p-p, G = +5, RL = 100 Ω± 15
1400
1500
V/
µs
Settling Time to 0.1%
10 V Step, G = +2
±15
70
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion (Differential)
f = 1 MHz, RLOAD = 100
Ω, V
OUT = 40 V p-p
±15
–68
dBc
Input Voltage Noise
f = 10 kHz, G = +2 (Single Ended)
±5, ±15
1.85
nV/
√Hz
Input Current Noise (+IIN)
f = 10 kHz, G = +2
±5, ±15
1.8
pA/
√Hz
Input Current Noise (–IIN)
f = 10 kHz, G = +2
±5, ±15
19
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RLOAD = 25
Ω±15
0.05
%
Differential Phase Error
NTSC, G = +2, RLOAD = 25
Ω±15
0.45
Degrees
DC PERFORMANCE
Input Offset Voltage
± 55
12
mV
±15
10
15
mV
TMIN to TMAX
25
mV
Input Offset Voltage Drift
40
µV/°C
Differential Offset Voltage
±5, ±15
0.5
2
mV
TMIN to TMAX
5mV
Differential Offset Voltage Drift
5
µV/°C
–Input Bias Current
±5, ±15
20
60
µA
TMIN to TMAX
100
µA
+Input Bias Current
±5, ±15
2
5
µA
TMIN to TMAX
5
µA
Differential Input Bias Current
±5, ±15
10
50
µA
TMIN to TMAX
50
µA
Open-Loop Transresistance
VOUT = ± 10 V, RL = 1 kΩ± 5, ± 15
0.7
2
M
Ω
TMIN to TMAX
0.6
M
Ω
INPUT CHARACTERISTICS
Differential Input Resistance
+Input
±15
7
M
Ω
–Input
15
Ω
Differential Input Capacitance
±15
1.4
pF
Input Common-Mode Voltage Range
±15
13.5
± V
± 5
3.5
± V
Common-Mode Rejection Ratio
TMIN to TMAX
±5, ±15 56
60
dB
Differential Common-Mode Rejection Ratio
TMIN to TMAX
±5, ±15 80
100
dB
OUTPUT CHARACTERISTICS
Voltage Swing
Single Ended, RLOAD = 25 Ω± 15
23
24.5
V p-p
± 5
2.2
3.6
V p-p
Differential, RLOAD = 50 Ω± 15
46
49
V p-p
TMIN to TMAX
±15
45
V p-p
Continuous Output Current
RLOAD = 5 Ω± 15
500
750
mA
± 5
200
100
mA
Peak Output Current
10
µs Pulse, 1% Duty Cycle, R
L = 15 Ω± 15
1.0
A
Short Circuit Current
Note 1
±15
1.0
A
NOTES
1See Power Considerations section.
Specifications subject to change without notice.
REV. B
–2–
(@ TA = +25 C, VS =
15 V dc, RF = 1 k
and RLOAD = 50
unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com