Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X84161 Datasheet (PDF) - IC MICROSYSTEMS

X84161 Datasheet PDF - IC MICROSYSTEMS
Part # X84161
Download  X84161 Download
File Size   147.28 Kbytes
Page   18 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description 關Port Saver EEPROM

X84161 Datasheet (PDF)

Go To PDF Page Download Datasheet
X84161 Datasheet PDF - IC MICROSYSTEMS

Part # X84161
Download  X84161 Click to download

File Size   147.28 Kbytes
Page   18 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description 關Port Saver EEPROM

X84161 Datasheet (HTML) - IC MICROSYSTEMS


X84161 Product details

DESCRIPTION
The µPort Saver memories need no serial ports or special hardware and connect to the processor memory bus.
Replacing bytewide data memory, the µPort Saver uses bytewide memory control functions, takes a fraction of the board space and consumes much less power. Replacing serial memories, the µPort Saver provides all the serial benefits, such as low cost, low power, low voltage, and small package size while releasing I/Os for more important uses.

FEATURES
• Up to 10MHz data transfer rate
• 25ns Read Access Time
• Direct Interface to Microprocessors and Microcontrollers
    —Eliminates I/O port requirements
    —No interface glue logic required
    —Eliminates need for parallel to serial converters
• Low Power CMOS
    —1.8V–3.6V, 2.5V–5.5V and 5V ±10% Versions
    —Standby Current Less than 1µA
    —Active Current Less than 1mA
• Byte or Page Write Capable
    —32-Byte Page Write Mode
• Typical Nonvolatile Write Cycle Time: 2ms
• High Reliability
    —100,000 Endurance Cycles
    —Guaranteed Data Retention: 100 Years




Similar Part No. - X84161

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84161 XICOR-X84161 Datasheet
170Kb / 18P
uPort Saver EEPROM
X84161P XICOR-X84161P Datasheet
170Kb / 18P
uPort Saver EEPROM
X84161P-1.8 XICOR-X84161P-1.8 Datasheet
170Kb / 18P
uPort Saver EEPROM
X84161P-2.5 XICOR-X84161P-2.5 Datasheet
170Kb / 18P
uPort Saver EEPROM
X84161PI XICOR-X84161PI Datasheet
170Kb / 18P
uPort Saver EEPROM
More results


Similar Description - X84161

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
Micro Port Saver E2PROM
X84161 XICOR-X84161 Datasheet
170Kb / 18P
uPort Saver EEPROM
X84256 XICOR-X84256 Datasheet
68Kb / 15P
UPort Saver EEPROM
logo
IC MICROSYSTEMS
X84160 ICMIC-X84160 Datasheet
563Kb / 22P
Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
logo
Glenair, Inc.
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
Connector Saver
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com