Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X84160 Datasheet (PDF) - IC MICROSYSTEMS

X84160 Datasheet PDF - IC MICROSYSTEMS
Part # X84160
Download  X84160 Download
File Size   563.95 Kbytes
Page   22 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection

X84160 Datasheet (PDF)

Go To PDF Page Download Datasheet
X84160 Datasheet PDF - IC MICROSYSTEMS

Part # X84160
Download  X84160 Click to download

File Size   563.95 Kbytes
Page   22 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection

X84160 Datasheet (HTML) - IC MICROSYSTEMS


X84160 Product details

DESCRIPTION
The µPort Saver memories need no serial ports or special hardware and connect to the processor memory bus. Replacing bytewide data memory, the µPort Saver uses bytewide memory control functions, takes a fraction of the board space and consumes much less power. Replacing serial memories, the µPort Saver provides all the serial benefits, such as low cost, low power, low voltage, and small package size while releasing I/Os for more important uses.

FEATURES
• Up to 15MHz data transfer rate
• 20ns Read Access Time
• Direct Interface to Microprocessors and Microcontrollers
    —Eliminates I/O port requirements
    —No interface glue logic required
    —Eliminates need for parallel to serial converters
• Low Power CMOS
    —1.8V–3.6V, 2.5V–5.5V and 5V ± 10% Versions
    —Standby Current Less than 1µA
    —Active Current Less than 1mA
• Byte or Page Write Capable
    —32-Byte Page Write Mode
• New Programmable Block Lock™ Protection
    —Software Write Protection
    —Programmable Hardware Write Protection
• Block Lock (0, 1/4, 1/2, or all of the array)
• Typical Nonvolatile Write Cycle Time: 3ms
• High Reliability
    —100,000 Endurance Cycles
    —Guaranteed Data Retention: 100 Years
• Small Package Options
    —8-Lead Mini-DIP Package
    —8, 14-Lead SOIC Packages
    —8, 20, 28-Lead TSSOP Packages
    —8-Lead XBGA Packages




Similar Part No. - X84160

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84161 XICOR-X84161 Datasheet
170Kb / 18P
uPort Saver EEPROM
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
關Port Saver EEPROM
X84161-1.8 ICMIC-X84161-1.8 Datasheet
147Kb / 18P
關Port Saver EEPROM
X84161-2.5 ICMIC-X84161-2.5 Datasheet
147Kb / 18P
關Port Saver EEPROM
X84161G ICMIC-X84161G Datasheet
147Kb / 18P
關Port Saver EEPROM
More results


Similar Description - X84160

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
SerialFlash??Memory With Block Lock??Protection
X84041 XICOR-X84041 Datasheet
67Kb / 13P
Micro Port Saver E2PROM
X84161 XICOR-X84161 Datasheet
170Kb / 18P
uPort Saver EEPROM
X84256 XICOR-X84256 Datasheet
68Kb / 15P
UPort Saver EEPROM
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
Advanced SPI Serial E2PROM with Block Lock Protection
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
關Port Saver EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com