Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBL29G Datasheet (PDF) - OSRAM GmbH

LBL29G Datasheet PDF - OSRAM GmbH
Part # LBL29G
Download  LBL29G Download
File Size   234.8 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description SmartLED짰 0603 Enhanced Optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant

LBL29G Datasheet (PDF)

Go To PDF Page Download Datasheet
LBL29G Datasheet PDF - OSRAM GmbH

Part # LBL29G
Download  LBL29G Click to download

File Size   234.8 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description SmartLED짰 0603 Enhanced Optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant

LBL29G Datasheet (HTML) - OSRAM GmbH


LBL29G Product details

Features
• package: standard SMT footprint 0603, colorless diffused resin
• feature of the device: smallest package 1.7 x 0.8 x 0.65 mm (LxWxH); more light due to higher optical efficiency
• wavelength: 470 nm (blue)
• viewing angle: 150°
• technology: ThinGaN®
• optical efficiency: 7 lm/W
• grouping parameter: luminous intensity, wavelength, forward voltage
• assembly methods: suitable for all SMT assembly methods
• soldering methods: IR reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 5000/reel, ø180 mm
• ESD-withstand voltage: ESD sensitive device

Applications
• flat backlighting (LCD, cellular phones, switches, displays)
• toys
• signal and symbol luminary
• marker lights (e.g. steps, exit ways, etc.)




Similar Part No. - LBL29G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBL293 OSRAM-LBL293 Datasheet
396Kb / 21P
Version 1.0 (Replacement in due course)
LBL29S OSRAM-LBL29S Datasheet
429Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
More results


Similar Description - LBL29G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBA6SG OSRAM-LBA6SG Datasheet
555Kb / 16P
Hyper SIDELED짰 long life Enhanced optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
LCBL283 OSRAM-LCBL283 Datasheet
242Kb / 16P
SmartLED짰 0603 Color on demand: blue Lead (Pb) Free Product - RoHS Compliant
LCWL28G OSRAM-LCWL28G Datasheet
244Kb / 16P
SmartLED짰 0603 Color on demand: white Lead (Pb) Free Product - RoHS Compliant
LGL29K OSRAM-LGL29K Datasheet
225Kb / 14P
SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LPL296 OSRAM-LPL296 Datasheet
496Kb / 14P
SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LSL29K OSRAM-LSL29K Datasheet
228Kb / 14P
SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LSL296 OSRAM-LSL296 Datasheet
246Kb / 15P
SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWL283 OSRAM-LWL283 Datasheet
628Kb / 15P
SmartLED짰 0603 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LAG6SP OSRAM-LAG6SP Datasheet
247Kb / 15P
Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
logo
ams AG
LSYT67B AMSCO-LSYT67B Datasheet
428Kb / 15P
Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant
2012-11-14
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com